Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2381 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN2381
Description  low voltage linear accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2381 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN2381 Datasheet HTML 27Page - STMicroelectronics AN2381 Datasheet HTML 28Page - STMicroelectronics AN2381 Datasheet HTML 29Page - STMicroelectronics AN2381 Datasheet HTML 30Page - STMicroelectronics AN2381 Datasheet HTML 31Page - STMicroelectronics AN2381 Datasheet HTML 32Page - STMicroelectronics AN2381 Datasheet HTML 33Page - STMicroelectronics AN2381 Datasheet HTML 34Page - STMicroelectronics AN2381 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
AN2381
Registers Description
31/47
This register keeps track of the acceleration event which is being triggering (or has
triggered, in case of LIR bit in FF_WU_SRC reg set to 1) the interrupt signal. In particular IA
is equal to 1 when the combination of acceleration events specified in FF_WU_CFG register
is true. This bit is used for the generation of the interrupt signal associated to the free-
fall/wake-up events (see Figure 17 for any additional detail).
X, (Y, Z) high is true when the module of the acceleration value of the X (Y, Z) channel is
higher than the preset threshold which is defined as the concatenation of FF_WU_THS_H &
FF_WU_THS_L.
Similarly, X, (Y, Z) low is true when the module of the acceleration value of the X (Y, Z)
channel is lower than FF_WU_THS_H & FF_WU_THS_L. Refer to Figure 12 for more
details.
5.4.4
FF_WU_ACK (32h)
Dummy register. A read at this address clears the FF_WU_SRC reg and the FF, WU
interrupt if the latched option was chosen (LIR bit in FF_WU_CFG reg set to 1).
5.4.5
FF_WU_THS_L (34h)
Free-Fall, Wake-Up threshold, less significant bits.
5.4.6
FF_WU_THS_H (35h)
Free-Fall, Wake-Up threshold, most significant bits.
FF_WU_THS_H and FF_WU_THS_L registers define the threshold which is used by the
system to detect any free-fall or inertial wake-up event. The threshold value is expressed
over 16 bit as an unsigned number. In particular 7FFFh corresponds to full-scale
acceleration (i.e. either 2g or 6g depending on the value of FS bit in CTRL_REG2).
5.4.7
FF_WU_DURATION (36h)
Set the minimum duration of the free-fall/wake-up event that must be recognized by the
LIS3LV02DL
.
XX
XX
XX
XX
THS7
THS6
THS5
THS4
THS3
THS2
THS1
THS0
THS7, THS0
Free-fall / wake-up Threshold Lsb
THS15
THS14
THS13
THS12
THS11
THS10
THS9
THS8
THS15, THS8
Free-fall / wake-up Threshold Msb
FWD7
FWD6
FWD5
FWD4
FWD3
FWD2
FWD1
FWD0
FWD7, FWD0
Free-fall / wake-up minimum duration threshold
(default value 00h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com