Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2381 Datasheet(PDF) 45 Page - STMicroelectronics

Part # AN2381
Description  low voltage linear accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2381 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button AN2381 Datasheet HTML 39Page - STMicroelectronics AN2381 Datasheet HTML 40Page - STMicroelectronics AN2381 Datasheet HTML 41Page - STMicroelectronics AN2381 Datasheet HTML 42Page - STMicroelectronics AN2381 Datasheet HTML 43Page - STMicroelectronics AN2381 Datasheet HTML 44Page - STMicroelectronics AN2381 Datasheet HTML 45Page - STMicroelectronics AN2381 Datasheet HTML 46Page - STMicroelectronics AN2381 Datasheet HTML 47Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 47 page
background image
AN2381
Application information
45/47
In particular the DataReady signal, stored in STATUS_REG(3), which indicates when a new
set of acceleration data is ready, is made available by setting DRDY bit to 1 and IEN bit to 0,
while the interrupt signal is carried out when IEN bit is set to 1. Being the pad shared for the
both DataReady and Interrupt, one signal at a time may be generated by the device. In case
both DRDY and IEN are set to 1, the pad will generate the Interrupt signal which is given an
higher priority.
Figure 17.
Interrupt and DataReady Signal Generation Block Diagram
In particular data-ready (RDY) signal rise to 1 when a new set of acceleration data has been
generated and it is available for reading. The signal is reset after all the enabled channels
are read through the serial interface.
Figure 18.
Data Ready Signal
6.10
Using the external clock
The device provides the capability to drive the internal circuitry through an external clock. In
order to switch to the external clock it is necessary to set to 1 the ECK bit stored inside
CTRL_REG3. The external clock must have a frequency of 1.045 MHZ (+/-10%) and a duty
cycle of 50%.
Free-Fall,
Wake-Up
Interrupt
Direction
Detector
Interrupt
Counter
ODR Clock
ff_wu_duration
Latch
FF_WU_CFG(LIR)
0
1
Generator
Generator
0
1
DD_CFG(LIR)
0
1
DD_CFG(IEND)
0
Interrupt signal
CTRL_REG2(IEN)
0
1
DataReady signal
0
1
0
CTRL_REG2(DRDY)
Latch
to
Pad
DataReady
Signal
Generator
Interrupt Generator
(FF, WU, DD)
IA (DD_SRC)
IA
(FF_WU_SRC)
RDY/INT
RDY
DATA READ
ACCEL DATA
Accel. Sample #(N)
Accel. Sample #(N+1)
XY
Z
XY
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com