Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2381 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2381
Description  low voltage linear accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2381 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2381 Datasheet HTML 18Page - STMicroelectronics AN2381 Datasheet HTML 19Page - STMicroelectronics AN2381 Datasheet HTML 20Page - STMicroelectronics AN2381 Datasheet HTML 21Page - STMicroelectronics AN2381 Datasheet HTML 22Page - STMicroelectronics AN2381 Datasheet HTML 23Page - STMicroelectronics AN2381 Datasheet HTML 24Page - STMicroelectronics AN2381 Datasheet HTML 25Page - STMicroelectronics AN2381 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
Registers Description
AN2381
22/47
5.2.2
CTRL_REG2 (21h)
Control register #2
.
FS bit is used to select Full Scale value. After the device power-up the default full scale
value is +/-2g. In order to obtain a +/-6g full scale it is necessary to set FS bit to ‘1’.
BDU bit is used to inhibit output registers update until both upper and lower register parts
are read. In default mode (BDU= ‘0’) the output register values are updated continuously. If
for any reason it is not sure to read faster than output data rate it is recommended to set
BDU bit to ‘1’. In this way the content of output registers is not updated until both MSB and
LSB are read avoiding to read values related to different sample time.
BLE bit is used to select Big Endian or Little Endian representation for output registers. In
Big Endian’s one, MSB acceleration value is located at addresses 28h (X-axis), 2Ah (Y-axis)
and 2Ch (Z-axis) while LSB acceleration value is located at addresses 29h (X-axis), 2Bh (Y-
axis) and 2Dh (Z-axis). In Little Endian representation (default choice) the order is inverted
(refer to data register description for more details).
BOOT bit is used to refresh the content of internal registers stored in the flash memory
block. At the device power up the content of the flash memory block is transferred to the
internal registers related to trimming functions to permit a good behavior of the device itself.
If for any reason the content of trimming registers was changed it is sufficient to use this bit
to restore correct values. When BOOT bit is set to ‘1’ the content of internal flash is copied
inside corresponding internal registers and it is used to calibrate the device. These values
are factory trimmed and they are different for every accelerometer. They permit a good
behavior of the device and normally they have not to be changed. At the end of the boot
process the BOOT bit is set again to ‘0’.
FS
BDU
BLE
BOOT
IEN
DRDY
SIM
DAS
FS
Full Scale selection. Default value: 0
(0: +/- 2g; 1: +/- 6g)
BDU
Block Data Update. Default value: 0
(0: continuous update; 1: output registers not updated until MSB and LSB reading)
BLE
Big/Little Endian selection. Default value: 0
(0: little endian; 1: big endian)
BOOT
Reboot memory content. Default value: 0
(0: normal mode; 1: reboot memory content)
IEN
Interrupt Enable. Default value: 0
(0: data-ready on RDY pad; 1: interrupt signal on RDY pad)
DRDY
Enable Data-Ready generation. Default value: 0
(0: data-ready gen. disabled; 1: enable data-ready generation)
SIM
SPI Serial Interface Mode selection. Default value: 0
(0: 4-wire interface; 1: 3-wire interface)
DAS
Data Alignment Selection. Default value: 0
(0: 12 bit right justified; 1: 16 bit left justified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com