Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2381 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN2381
Description  low voltage linear accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2381 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN2381 Datasheet HTML 31Page - STMicroelectronics AN2381 Datasheet HTML 32Page - STMicroelectronics AN2381 Datasheet HTML 33Page - STMicroelectronics AN2381 Datasheet HTML 34Page - STMicroelectronics AN2381 Datasheet HTML 35Page - STMicroelectronics AN2381 Datasheet HTML 36Page - STMicroelectronics AN2381 Datasheet HTML 37Page - STMicroelectronics AN2381 Datasheet HTML 38Page - STMicroelectronics AN2381 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
AN2381
Registers Description
35/47
5.5.3
DD_ACK (3Ah)
Direction Detection Acknowledge, dummy register. A read at this address allows the refresh
of the DD_SRC register and clears any DD interrupt signal.
5.5.4
DD_THSI_L (3Ch)
Direction Detection Internal Threshold, less significant bits.
5.5.5
DD_THSI_H (3Dh)
Direction Detection Internal Threshold, most significant bits.
The concatenation of DD_THSI_H and DD_THSI_L registers defines the inner/internal
threshold which is used by the LIS3LV02DL device for direction-detection (refer to
Figure 13). The threshold value is expressed over 16 bit as an unsigned number. In
particular 7FFFh corresponds to full-scale acceleration (i.e. either 2g or 6g depending on
the value of FS bit in CTRL_REG2). In case no hysteresis is desired, the inner and outer
thresholds must be equal.
The inner threshold should be lower than or equal to the outer one. Whenever the inner
thresholds is greater than the outer one, the hysteresis region will be null and the threshold
used to detect the tilt direction is DD_THSE_H & DD_THSE_L only.
5.5.6
DD_THSE_L (3Eh)
Direction Detection External Threshold, less significant bits.
5.5.7
DD_THSE_H (3Fh)
Direction Detection External Threshold, most significant bits.
xx
xx
xx
xx
THSI7
THSI6
THSI5
THSI4
THSI3
THSI2
THSI1
THSI0
THSI7, THSI0
Direction detection Internal Threshold Lsb
THSI15
THSI14
THSI13
THSI12
THSI11
THSI10
THSI9
THSI8
THSI15, THSI8
Direction detection Internal Threshold Msb
THSE7
THSE6
THSE5
THSE4
THSE3
THSE2
THSE1
THSE0
THSE7, THSE0
Direction detection External Threshold Lsb
THSE15
THSE14
THSE13
THSE12
THSE11
THSE10
THSE9
THSE8
THSE15, THSE8
Direction detection External Threshold Msb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com