Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2381 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2381
Description  low voltage linear accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2381 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2381 Datasheet HTML 19Page - STMicroelectronics AN2381 Datasheet HTML 20Page - STMicroelectronics AN2381 Datasheet HTML 21Page - STMicroelectronics AN2381 Datasheet HTML 22Page - STMicroelectronics AN2381 Datasheet HTML 23Page - STMicroelectronics AN2381 Datasheet HTML 24Page - STMicroelectronics AN2381 Datasheet HTML 25Page - STMicroelectronics AN2381 Datasheet HTML 26Page - STMicroelectronics AN2381 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
AN2381
Registers Description
23/47
IEN bit is used to switch the value present on data-ready pad between Data-ready signal
and Interrupt signal. At power up the Data-ready signal is chosen. It is however necessary to
modify DRDY bit to enable Data-ready signal generation.
DRDY bit is used to enable DataReady pad activation. If DRDY bit is ‘0’ (default value) on
DataReady pad a ‘0’ value is present. If a DataReady signal is desired it is necessary to set
to ‘1’ DRDY bit. DataReady signal goes to ‘1’ whenever a new data is available for all the
enabled axes. For example if Z-axis is disabled, DataReady signal goes to ‘1’ when new
values are available for both X and Y axes. DataReady signal comes back to ‘0’ when all the
registers containing values of the enabled axes are read. To be sure not to loose any data
coming from the accelerometer data registers must be read before a new DataReady rising
edge is generated. In this case DataReady signal will have the same frequency of the data
rate chosen.
SIM bit selects the SPI Serial Interface Mode. When SIM is ‘0’ (default value) the 4-wire
interface mode is selected. The data coming from the device are sent to SDO pad. In 3-wire
interface mode output data are sent to SDA_SDI pad.
DAS bit selects between 12 bit right justified and 16 bit left justified data representation. The
first case is the default case and the most significant bits are replaced by the bit
representing the sign.
5.2.3
CTRL_REG3 (22h)
Control register #3
.
ECK bit selects whether the clock used in the core comes from internal oscillator or from
external pad OSC_IN. In the latter case internal oscillator is switched off and the pin Pull-
Down is disabled thus reducing power consumption. External clock must be in the range of
1.045 MHz +/- 10% and must have a duty cycle of 50%.
HPDD bit permits to select either filtered or not filtered data to feed the Signal Processing
(Direction Detection) block as described in Figure 11. When HPDD is set to ‘0’ (default
ECK
HPDD
HPFF
FDS
res
res
CFS1
CFS0
ECK
External Clock. Default value: 0
(0: clock from internal oscillator; 1: clock from external pad)
HPDD
High Pass filter enabled for Direction Detection. Default value: 0
(0: filter bypassed; 1: filter enabled)
HPFF
High Pass filter enabled for Free-Fall. Default value: 0
(0: filter bypassed; 1: filter enabled)
FDS
Filtered Data Selection. Default value: 0
(0: internal filter bypassed; 1: data from internal filter)
CFS1, CFS0
High-pass filter Cut-off Frequency coefficient Selection
(00: HPc = 512
01: HPc = 1024
10: HPc = 2048
11: HPc = 4096)
res
Reserved. These bit are reserved for future enhancements.
Best to be left to their default value (10 binary)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com