Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2381 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN2381
Description  low voltage linear accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2381 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN2381 Datasheet HTML 28Page - STMicroelectronics AN2381 Datasheet HTML 29Page - STMicroelectronics AN2381 Datasheet HTML 30Page - STMicroelectronics AN2381 Datasheet HTML 31Page - STMicroelectronics AN2381 Datasheet HTML 32Page - STMicroelectronics AN2381 Datasheet HTML 33Page - STMicroelectronics AN2381 Datasheet HTML 34Page - STMicroelectronics AN2381 Datasheet HTML 35Page - STMicroelectronics AN2381 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
Registers Description
AN2381
32/47
The number contained in the register represents the number of samples produced at the
sampling rate set by DF1, DF0 bits in CTRL_REG1.
Events having a duration shorter than the value specified in the FF_WU_DURATION
register are filtered out by the device. A value of 00h in this register means that the interrupt
is generated as soon as the free-fall/wake-up event configured in FF_WU_CFG reg occurs
without waiting for any confirmation.
5.5
Direction-Detection Registers
The LIS3LV02DL allows the implementation of motion-controlled functions such as gaming
and terminal control while requiring reduced computational power to the application
controller. The following sections describes the functionality of the registers that are involved
in the recognition of the direction in which the terminal has been tilted.
5.5.1
DD_CFG (38h)
Direction Detector configuration register.
IEND enables the generation of an interrupt signal when a change in DD_SRC reg occurs,
i.e. when the tilt of terminal has changed with respect to the previous one.
IEND
LIR
ZHIE
ZLIE
YHIE
YLIE
XHIE
XLIE
IEND
Interrupt enable on Direction change. Default value: 0
(0: disabled 1: interrupt signal enabled)
LIR
Latch Interrupt request into DD_SRC register with the DD_SRC register cleared by
reading DD_ACK register. Default value: 0.
(0: interrupt request not latched; 1: interrupt request latched)
ZHIE
Enable interrupt generation on Z high event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value higher than preset threshold)
ZLIE
Enable interrupt generation on Z low event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value lower than preset threshold)
YHIE
Enable interrupt generation on Y high event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value higher than preset threshold)
YLIE
Enable interrupt generation on Y low event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value lower than preset threshold)
XHIE
Enable interrupt generation on X high event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value higher than preset threshold)
XLIE
Enable interrupt generation on X low event. Default value: 0
(0: disable interrupt request;
1: enable interrupt request on measured accel. value lower than preset threshold)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com