Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2381 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN2381
Description  low voltage linear accelerometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2381 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN2381 Datasheet HTML 35Page - STMicroelectronics AN2381 Datasheet HTML 36Page - STMicroelectronics AN2381 Datasheet HTML 37Page - STMicroelectronics AN2381 Datasheet HTML 38Page - STMicroelectronics AN2381 Datasheet HTML 39Page - STMicroelectronics AN2381 Datasheet HTML 40Page - STMicroelectronics AN2381 Datasheet HTML 41Page - STMicroelectronics AN2381 Datasheet HTML 42Page - STMicroelectronics AN2381 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
AN2381
Application information
39/47
6.4
Interrupt generation description
The LIS3LV02DL can provide an interrupt signal and offers several possibilities to
personalize this signal. The registers involved in the interrupt generation behavior are
CTRL_REG2, FF_WU_CFG, FF_WU_THS, FF_WU_DURATION, DD_CFG, DD_THSI,
DD_THSE. In this section a brief description of the capability of the interrupt generation is
provided.
The LIS3LV02DL interrupt signal can behave as Free-Fall, Wake-Up and/or Direction
Detector. Whenever an interrupt condition is verified the interrupt signal goes high and
reading FF_WU_SRC and DD_SRC registers it is possible to understand which condition
happened.
Free-Fall signal (FF) and Wake-Up signal (WU) interrupt generation block is represented by
the diagram below:
Figure 14.
Free-Fall, Wake-Up Interrupt Generator
FF or WU interrupt generation is selected through AOI bit in FF_WU_CFG register (address
30 hexadecimal). If AOI bit is ‘0’ signals coming from comparators are put in logical or.
Depending on values written in FF_WU_CFG register every time the value of almost one of
the enabled axes exceeds the threshold written in module in FF_WU_THS registers a FF,
WU interrupt is generated. Otherwise if AOI bit is ‘1’ signals coming from comparators are
going into a “NAND” port. In this case an interrupt signal is generated only if all the enabled
axes are passing the threshold written in FF_WU_THS registers.
Table 6.
Output Data Registers Content vs. Acceleration (FS= 2g)
Acceleration
Values
DAS=0; BLE=0
DAS=0; BLE=1
DAS=1; BLE=0
DAS=1; BLE=1
Register Address
28h
29h
28h
29h
28h
29h
28h
29h
0 g
00h
00h
00h
00h
0xh
00h
00h
0xh
350 mg
66h
01h
01h
66h
6xh
16h
16h
6xh
1 g
00h
04h
04h
00h
0xh
40h
40h
0xh
-350 mg
9Ah
FEh
FEh
9Ah
Axh
E9h
E9h
Axh
-1g
00h
FCh
FCh
00h
0xh
C0h
C0h
0xh
THS reg
|b|>a?
|b|>a?
|b|>a?
Accel_X
Accel_Y
Accel_Z
X_en
Y_en
Z_en
WU
FF
0
1
FF_WU_CFG(AOI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com