Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2728 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2728
Description  ST1S12 small synchronous buck converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2728 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2728 Datasheet HTML 2Page - STMicroelectronics AN2728 Datasheet HTML 3Page - STMicroelectronics AN2728 Datasheet HTML 4Page - STMicroelectronics AN2728 Datasheet HTML 5Page - STMicroelectronics AN2728 Datasheet HTML 6Page - STMicroelectronics AN2728 Datasheet HTML 7Page - STMicroelectronics AN2728 Datasheet HTML 8Page - STMicroelectronics AN2728 Datasheet HTML 9Page - STMicroelectronics AN2728 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ST1S12 description
AN2728
6/20
1.2
Current limit and short-circuit protection
In overcurrent protection mode, when the peak current reaches the current limit, the device
reduces tON down to its minimum value. In these conditions, the duty cycle is strongly
reduced and, in most applications, this is enough to limit the current to Ilim.
In case of heavy short-circuit when the feedback voltage is lower than 0.1 V (typ.), the loop
switches to short mode automatically. In this condition the voltage Vsum=Isen * Rsen is
compared with 0.4 V (typ.) to clamp the upper limit of the inductor current. In this condition
the maximum output limitation current is reduced to 300 mA instead of 1 A. At the same time
the DMD circuit clamps the lower boundary of the inductor current. One RS flip-flop is being
used to control the PMOS and NMOS switches. When the feedback voltage is higher than
0.1 V (typ.) voltage, the device returns to normal closed-loop switching operation (Figure 6).
Figure 6.
Short-circuit protection simplified schematic
Q
R
S
DMD
COM
0.1V
COM
V
IN
V
OUT
C2
+
-
-
+
R1
R2
L1
V
sum=Isen*Rsen
V
FB
GND
GND
V
REF1
V
C
GND
Q
R
S
DMD
COM
0.1V
COM
V
IN
V
OUT
C2
+
-
-
+
R1
R2
L1
V
sum=Isen*Rsen
V
FB
GND
GND
V
REF1
V
C
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com