Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2728 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2728
Description  ST1S12 small synchronous buck converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2728 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2728 Datasheet HTML 1Page - STMicroelectronics AN2728 Datasheet HTML 2Page - STMicroelectronics AN2728 Datasheet HTML 3Page - STMicroelectronics AN2728 Datasheet HTML 4Page - STMicroelectronics AN2728 Datasheet HTML 5Page - STMicroelectronics AN2728 Datasheet HTML 6Page - STMicroelectronics AN2728 Datasheet HTML 7Page - STMicroelectronics AN2728 Datasheet HTML 8Page - STMicroelectronics AN2728 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
April 2008
Rev 1
1/20
20
AN2728
Application note
ST1S12
small synchronous buck converter
Introduction
The ST1S12 family of synchronous step-down DC-DC converters optimized for powering
low-voltage digital cores in HDD applications is generally used to replace the high-current
linear solution when the power dissipation may cause high heating of the application
environment. It provides up to 0.7 A over an input voltage range of 2.5 V to 5.5 V.
A high switching frequency (1.7 MHz) allows the use of tiny surface-mount components. A
resistor divider to set the output voltage value, an inductor, and two capacitors are required
for the adjustable version. Only an inductor and 2 capacitors are needed for the 1.2 V and
1.8 V fixed version. A low output ripple is guaranteed by the current mode PWM topology
and by the use of low ESR surface-mount ceramic capacitors.
The device is thermal protected and current limited to prevent damages due to accidental
short-circuit. This family of products is available in the TSOT23-5L package.
Figure 1.
ST1S12 - simplified schematic
Driver
OSC
Σ
Rsense
VIN
SW
FB/VO
MOSFET
Comp
Driver
CONTROL
LOGIC
SOFT START
REF1
Gnd
DMD
I_SEN
VC
VSUM
DMD
VRST
VSET
VDRV_P
VDRV_N
UVLO
SHUT DOWN
EN
www.st.com


Similar Part No. - AN2728

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
AN2720S CYPRESS-AN2720S Datasheet
243Kb / 16P
Single-Chip USB-to-USB Networking Solution
AN2720SC CYPRESS-AN2720SC Datasheet
243Kb / 16P
Single-Chip USB-to-USB Networking Solution
AN2720SC-01 CYPRESS-AN2720SC-01 Datasheet
243Kb / 16P
Single-Chip USB-to-USB Networking Solution
AN2720SC-02 CYPRESS-AN2720SC-02 Datasheet
243Kb / 16P
Single-Chip USB-to-USB Networking Solution
logo
STMicroelectronics
AN2722 STMICROELECTRONICS-AN2722 Datasheet
870Kb / 16P
Demonstration board user guidelines for the
13-Mar-2009
More results

Similar Description - AN2728

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3133A ONSEMI-NCP3133A Datasheet
128Kb / 13P
Integrated Synchronous Buck Converter
September, 2014 ??Rev. 1
logo
Texas Instruments
TPS56221 TI1-TPS56221_16 Datasheet
1Mb / 32P
Synchronous Buck SWIFT Converter
logo
Rohm
BD93291EFJ ROHM-BD93291EFJ Datasheet
986Kb / 25P
Dual Synchronous Buck Converter
BD9B300MUV-EVK-101 ROHM-BD9B300MUV-EVK-101 Datasheet
1Mb / 11P
Synchronous Buck Converter
BD9109FVMEVK-101 ROHM-BD9109FVMEVK-101 Datasheet
787Kb / 8P
Synchronous Buck Converter
logo
Major-Power Technology ...
MA5601 MPOWER-MA5601 Datasheet
377Kb / 7P
38V Synchronous Buck Converter
MA5604 MPOWER-MA5604 Datasheet
429Kb / 7P
Synchronous Buck Converter
MA5609 MPOWER-MA5609 Datasheet
472Kb / 9P
36V Synchronous Buck Converter
logo
First Silicon Co., Ltd
FC3470 FS-FC3470 Datasheet
931Kb / 8P
Synchronous Buck Converter
logo
QX Micro Devices Co.,Lt...
QX3406 QXMD-QX3406 Datasheet
1Mb / 2P
Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com