Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2728 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2728
Description  ST1S12 small synchronous buck converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2728 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2728 Datasheet HTML 10Page - STMicroelectronics AN2728 Datasheet HTML 11Page - STMicroelectronics AN2728 Datasheet HTML 12Page - STMicroelectronics AN2728 Datasheet HTML 13Page - STMicroelectronics AN2728 Datasheet HTML 14Page - STMicroelectronics AN2728 Datasheet HTML 15Page - STMicroelectronics AN2728 Datasheet HTML 16Page - STMicroelectronics AN2728 Datasheet HTML 17Page - STMicroelectronics AN2728 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Demonstration board usage recommendation
AN2728
14/20
4.1
External component selection
Figure 13 shows the demonstration board schematic.
The REN is used to pull up the EN pin to VIN. We suggest using a resistor with a value in the
range of 500 k
Ω to 1 MΩ in order to reduce current consumption.
In order to obtain the needed output voltage, the resistor divider must be selected in
accordance with the following formula:
Equation 15
with VFB = 0.6 V.
The resistors given in Table 1 are good choices in terms of current consumption.
4.2
Capacitors selection
It is possible to use any X5R or X7R ceramic capacitor:
- CIN = 4.7 µF (ceramic) or higher
- COUT = 10 µF (ceramic) or higher
Figure 13.
Demonstration board schematic
VFB
SW
GND
V
IN
V
OUT
2
3
EN
1
5
4
ST1S12_ADJ
L
R1
C
OUT
R2
GND
V
IN
C
IN
REN
VFB
SW
GND
V
IN
V
OUT
2
3
EN
1
5
4
ST1S12_ADJ
L
R1
C
OUT
R2
GND
V
IN
C
IN
REN
Table 1.
Recommended resistor divider
VOUT
R1
R2
1.2 V
68 k
Ω
68 k
Ω
3.3 V
68 k
Ω
15 k
Ω
+
=
2
1
FB
OUT
R
R
1
V
V
[]
+
=
2
1
FB
OUT
R
R
1
V
V
[]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com