Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2728 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2728
Description  ST1S12 small synchronous buck converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2728 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2728 Datasheet HTML 5Page - STMicroelectronics AN2728 Datasheet HTML 6Page - STMicroelectronics AN2728 Datasheet HTML 7Page - STMicroelectronics AN2728 Datasheet HTML 8Page - STMicroelectronics AN2728 Datasheet HTML 9Page - STMicroelectronics AN2728 Datasheet HTML 10Page - STMicroelectronics AN2728 Datasheet HTML 11Page - STMicroelectronics AN2728 Datasheet HTML 12Page - STMicroelectronics AN2728 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AN2728
Selecting components for your applications
9/20
The maximum and minimum duty cycles are:
Equation 3
and
Equation 4
where VF it is the voltage drop across the internal NMOS and VSW the voltage drop across
the internal PMOS. Considering the range DMIN to DMAX it is possible to determine the
maximum IRMS flowing through the input capacitor.
The use of ceramic capacitors with voltage ratings in the range of 1.5 times the maximum
output voltage is recommended.
2.3
Output capacitor
The output capacitor is very important to satisfy the output voltage ripple requirement. Using
a small inductor value is useful to reduce the size of the coil, but increases the current ripple.
So, in order to reduce the output voltage ripple a low ESR capacitor is required. The output
voltage ripple (VOUT_RIPPLE) is:
Equation 5
where
∆ I is the ripple current and FSW is the switching frequency.
The use of ceramic capacitors with voltage ratings in the range of 1.5 times the maximum
output voltage is recommended.
2.4
Inductor
The inductor value is very important because it fixes the ripple current flowing through
output capacitor. The ripple current is usually fixed at 20-40 % of IOUT_MAX, that is
0.14-0.28 A with IOUT_MAX = 0.7 A. The inductor value is approximately obtained by the
following formula:
Equation 6
where TON is the ON time of the internal switch, given by D x T.
SW
INMIN
F
OUT
MAX
V
V
V
V
D
-
+
=
SW
INMIN
F
OUT
MAX
V
V
V
V
D
-
+
=
SW
INMAX
F
OUT
MAX
V
V
V
V
D
-
+
=
SW
INMAX
F
OUT
MAX
V
V
V
V
D
-
+
=
×
×
+
×
∆ I
=
SW
OUT
RIPPLE
OUT
F
C
ESR
8
1
V
_
[]
×
×
+
×
∆ I
=
SW
OUT
RIPPLE
OUT
F
C
ESR
8
1
V
_
[]
ON
OUT
IN
T
V
V
L
×
∆ I
-
=
ON
OUT
IN
T
V
V
L
×
∆ I
-
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com