Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2728 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2728
Description  ST1S12 small synchronous buck converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2728 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2728 Datasheet HTML 9Page - STMicroelectronics AN2728 Datasheet HTML 10Page - STMicroelectronics AN2728 Datasheet HTML 11Page - STMicroelectronics AN2728 Datasheet HTML 12Page - STMicroelectronics AN2728 Datasheet HTML 13Page - STMicroelectronics AN2728 Datasheet HTML 14Page - STMicroelectronics AN2728 Datasheet HTML 15Page - STMicroelectronics AN2728 Datasheet HTML 16Page - STMicroelectronics AN2728 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AN2728
Demonstration board usage recommendation
13/20
4
Demonstration board usage recommendation
The demonstration board shown in Figure 11 is provided with Kelvin connection, which
means that two lines are available for each pin. One used for supplying or sinking current
(VOUT_F and VIN_F) and the other (VOUT_S and VIN_S) used to perform the needed
measurement.
The board has one enable pin available which is located on the right side of the board. This
pin can be used to supply the enable pin with a external voltage higher than 1.5 V to turn on
or lower than 0.5 V to turn off the device.
Figure 11.
ST1S12 demonstration board layout
Figure 12.
Demonstration board layers
Bottom layer
Top layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com