Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2728 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2728
Description  ST1S12 small synchronous buck converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2728 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2728 Datasheet HTML 6Page - STMicroelectronics AN2728 Datasheet HTML 7Page - STMicroelectronics AN2728 Datasheet HTML 8Page - STMicroelectronics AN2728 Datasheet HTML 9Page - STMicroelectronics AN2728 Datasheet HTML 10Page - STMicroelectronics AN2728 Datasheet HTML 11Page - STMicroelectronics AN2728 Datasheet HTML 12Page - STMicroelectronics AN2728 Datasheet HTML 13Page - STMicroelectronics AN2728 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Selecting components for your applications
AN2728
10/20
The peak current through the inductor is given by:
Equation 7
It can be observed that if the inductor value decreases, the peak current (that has to be
lower than the current limit of the device) increases. So, for fixed peak current protection,
higher value of the inductor permits a higher value of the output current.
2.5
Layout considerations
Due to the high switching frequency and peak current, the layout is an important design step
for all switching power supplies. If the layout is not carefully done, important parameters
such as efficiency and output voltage ripple could be compromised.
Short, wide traces must be implemented for main current and for power ground paths as
shown in bold in Figure 10. The input capacitor must be placed as close as possible to the
device pins as well as the inductor and output capacitor.
A common ground node minimizes ground noise, as shown in Figure 10.
2
I
I
OUT
PK
∆ I
+
=
2
I
I
OUT
PK
∆ I
+
=
Figure 10.
Layout considerations
V
IN
V
FB
SW
GND
V
IN
V
OUT
2
3
EN
1
5
4
ST1S12_ADJ
L1
R
1
C2
R
2
C1
GND
V
IN
V
FB
SW
GND
V
IN
V
OUT
2
3
EN
1
5
4
ST1S12_ADJ
L1
R
1
C2
R
2
C1
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com