Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2728 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2728
Description  ST1S12 small synchronous buck converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2728 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2728 Datasheet HTML 1Page - STMicroelectronics AN2728 Datasheet HTML 2Page - STMicroelectronics AN2728 Datasheet HTML 3Page - STMicroelectronics AN2728 Datasheet HTML 4Page - STMicroelectronics AN2728 Datasheet HTML 5Page - STMicroelectronics AN2728 Datasheet HTML 6Page - STMicroelectronics AN2728 Datasheet HTML 7Page - STMicroelectronics AN2728 Datasheet HTML 8Page - STMicroelectronics AN2728 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ST1S12 description
AN2728
4/20
1
ST1S12 description
The ST1S12 is an adjustable current mode PWM synchronous step-down DC-DC converter
with an internal 0.7 A power switch. It is a complete 0.7 A switching regulator with internal
compensation which eliminates the need for additional components.
The device operates with typically 1.7 MHz fixed frequency, and in order to guarantee the
lowest switching ripple, operates in pulse width modulation (PWM) mode even at low-load
condition. (Figure 2 and Figure 3)
To clamp the error amplifier reference voltage, a soft-start control block generating a voltage
ramp is implemented. When switching on the power supply, it allows controlling the inrush
current value (Figure 4).
Figure 2.
Inductor current at no load
Figure 3.
Inductor current at medium load
VEN=VIN=5 V, VOUT=1.8 V, no load, CH1=SW,
CH2=VOUT, CH4=IL
VEN=VIN=5 V, VOUT=1.8 V, RLOAD=4.7 Ω, CH1=SW,
CH2=VOUT, CH4=IL
I
L
SW
V
OUT (AC)
I
L
SW
Vout (AC)
Figure 4.
Inrush current
I
IN
SW
EN
V
OUT
VEN=VIN=5 V, VOUT=1.8 V, RLOAD =15 Ω,
Ch1=SW, CH2=VOUT, CH3=EN, CH4=IIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com