Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2728 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2728
Description  ST1S12 small synchronous buck converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2728 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2728 Datasheet HTML 3Page - STMicroelectronics AN2728 Datasheet HTML 4Page - STMicroelectronics AN2728 Datasheet HTML 5Page - STMicroelectronics AN2728 Datasheet HTML 6Page - STMicroelectronics AN2728 Datasheet HTML 7Page - STMicroelectronics AN2728 Datasheet HTML 8Page - STMicroelectronics AN2728 Datasheet HTML 9Page - STMicroelectronics AN2728 Datasheet HTML 10Page - STMicroelectronics AN2728 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AN2728
Selecting components for your applications
7/20
2
Selecting components for your applications
This section provides information to assist in the selection of the most appropriate
components for your applications.
Figure 7 shows the typical application schematic.
2.1
Output voltage selection
The output voltage can be adjusted from 0.6 V up to input voltage (DMAX = 100 %) minus the
voltage drop across the PMOS switch and the DC resistance of the inductor by connecting a
resistor divider between the VFB pin and the output, thus allowing remote voltage sensing.
Figure 7.
Typical application schematic
V
IN
VFB
SW
GND
V
IN
V
OUT
2
3
EN
1
5
4
ST1S12_ADJ
L1
R1
C2
R2
C1
GND
OFF ON
V
IN
VFB
SW
GND
V
IN
V
OUT
2
3
EN
1
5
4
ST1S12_ADJ
L1
R1
C2
R2
C1
GND
OFF ON
Figure 8.
Drop vs. temperature
0
0.1
0.2
0.3
0.4
0.5
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
OUT = 2.7 V, IOUT = 700 mA, Duty cycle = 100%
0
0.1
0.2
0.3
0.4
0.5
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
OUT = 2.7 V, IOUT = 700 mA, Duty cycle = 100%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com