Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3115 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3115
Description  LNB power supply based on the LNBH23L supply and control IC with step-up and I²C interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3115 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3115 Datasheet HTML 8Page - STMicroelectronics AN3115 Datasheet HTML 9Page - STMicroelectronics AN3115 Datasheet HTML 10Page - STMicroelectronics AN3115 Datasheet HTML 11Page - STMicroelectronics AN3115 Datasheet HTML 12Page - STMicroelectronics AN3115 Datasheet HTML 13Page - STMicroelectronics AN3115 Datasheet HTML 14Page - STMicroelectronics AN3115 Datasheet HTML 15Page - STMicroelectronics AN3115 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Component selection guidelines
AN3115
12/28
Doc ID 16830 Rev 3
Table 5.
LNBH23L demo-board BOM list
Index
Quantity
Reference
Value / generic part number
Package
1
1
R2
15 k
Ω 1/8 W (see Section 2.2)
1206
2
1
R5
2.2 k
Ω 1/8 W (see Section 2.7)1206
3
1
R7
22
Ω 1/2 W (see Section 2.7)1206
4
1
R8
150
Ω 1/2 W (see Section 2.7)1206
5
1
R9
1.5 k
Ω 1/8 W (see Section 2.8)1206
6
3
C8, C10, C11
0.22 µF
1206
7
1
C15
47 nF
1206
8
1
C14
1 nF
1206
9
2
C4, C6
0.47 µF (See Section 2.5)1206
10
1
C1
100 µF > 25 V ESR = 150 m
Ω ÷ 350 mΩ Higher
value is suitable (see Section 2.6)
El.Al. Radial
11
1
C3
220µF > 25 V ESR = 150 m
Ω ÷ 350 mΩ (see
Section 2.5)
El.Al. Radial
12
1
L1
22 µH Inductor with ISAT > IPEAK (see Section 2.1)Radial
13
1
D1
STPS130A (see Section 2.3)SMB
14
1
D2
BAT43 (or any Schottky diode with IF(AV) > 0.2 A,
VRRM > 25 V) or BAT30, BAT54, TMM BAT43,
1N5818 (See Section 2.9)
DO-35
15
1
D3
1N4001/1N4007 or equivalent
DIODE-0.4
16
1
IC1
LNBH23L
QFN32
17
1
TR1
BC817
SOT23-3L
18
1
D8
1N4148
SMD
19
2
CN3, CN4
Strip 4p M
HDR1X4
20
2
CN2, CN5
Strip 3p M
HDR1X3
21
3
JP1, 3.3V, CN1
Strip 2p M
HDR1X2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com