Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3115 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3115
Description  LNB power supply based on the LNBH23L supply and control IC with step-up and I²C interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3115 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3115 Datasheet HTML 13Page - STMicroelectronics AN3115 Datasheet HTML 14Page - STMicroelectronics AN3115 Datasheet HTML 15Page - STMicroelectronics AN3115 Datasheet HTML 16Page - STMicroelectronics AN3115 Datasheet HTML 17Page - STMicroelectronics AN3115 Datasheet HTML 18Page - STMicroelectronics AN3115 Datasheet HTML 19Page - STMicroelectronics AN3115 Datasheet HTML 20Page - STMicroelectronics AN3115 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AN3115
Component selection guidelines
Doc ID 16830 Rev 3
17/28
The selection of the TVS diode must be based on the maximum peak power dissipation that
the diode is capable of supporting.
Select the TVS diode which is capable of supporting the required Ipp (A) value indicated in
Table 8
.
2.5
DC-DC output capacitors (C3, C4, C6) and ferrite bead
An electrolytic low cost capacitor is needed on the DC-DC converter output stage (C3 in
Figure 6
). Moreover, two ceramic capacitors are recommended to reduce the high
frequency switching noise. The switching noise is due to the voltage spikes of the fast
switching action of the output switch, and to the parasitic inductance of the output
capacitors. To minimize these voltage spikes, special low-inductance ceramic capacitors
can be used, and their lead lengths must be kept short and as close as possible to the IC
pins (C4 and C6 in Figure 9). In case of high switching noise, it is possible to increase the
C6 capacitor up to 4.7 µF, 2.2 µF is a good compromise to reduce the switching noise.
Figure 8.
Example of LNBTVS diode connection
D2
VoRX
EXTM
LNBH23L
C10
VoTX
C15
R9
D3
1N4007
D6
LNBTVSx -22xx
IF Connector
Lseries >13nH
D2
C10
R9
D2
VoRX
EXTM
LNBH23L
C10
VoTX
C15
R9
D3
1N4007
D6
LNBTVSx -22xx
IF Connector
Lseries >13nH
D2
C10
R9
Table 8.
Recommended LNBTVS
Vendor
Part number
VBRTYP (V)
Ipp (A)
8/20 µs
STMicroelectronics
LNBTVS4-220S
23.1
334
LNBTVS4-221S
23.1
334
LNBTVS4-222S
23.1
334
LNBTVS6-221S
23.1
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com