Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3115 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3115
Description  LNB power supply based on the LNBH23L supply and control IC with step-up and I²C interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3115 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3115 Datasheet HTML 20Page - STMicroelectronics AN3115 Datasheet HTML 21Page - STMicroelectronics AN3115 Datasheet HTML 22Page - STMicroelectronics AN3115 Datasheet HTML 23Page - STMicroelectronics AN3115 Datasheet HTML 24Page - STMicroelectronics AN3115 Datasheet HTML 25Page - STMicroelectronics AN3115 Datasheet HTML 26Page - STMicroelectronics AN3115 Datasheet HTML 27Page - STMicroelectronics AN3115 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Layout guidelines
AN3115
24/28
Doc ID 16830 Rev 3
3.2
PCB Thermal managing
The LNBH23L power dissipation inside the IC is mainly due to the DC-DC integrated
MOSFET power loss plus the linear regulator power dissipation. The total power dissipation
calculated, considering both the DC-DC and linear regulator power loss at the maximum
output current (500 mA) with 18 V for LNB output and VIN = 11 V, is around 1 W. The heat
generated due to this power dissipation level requires a suitable heat-sink to keep the
junction temperature below the over temperature protection threshold at the rated ambient
temperature inside the set-top box.
For example: assuming a 70 °C max for the ambient temperature inside the STB case and a
125 °C maximum junction temperature for the LNBH23L, the total RthJA is less than 50
°C/W.
The RthJA for the QFN32 package used for the LNBH23L can be as low as 35 °C/W. Based
on thermal resistance tests performed on the LNBH23L ST demonstration board, this result
is achievable with a minimum of a 4x4 cm² copper area placed just below the IC body (see
Figure 17
). Better performance with a smaller copper area may be achievable using four
layers (2s2p) PCB.
Usually the copper area is obtained by using the ground layer of a multi-layer PCB soldered
below the IC exposed pad. In Figure 14 an example of a layout for the QFN32 package with
a dual layer PCB is shown, where the IC exposed pad is connected to the ground layer and
the square dissipating area is thermally connected through 9 via holes filled by solder.
The best thermal and electrical performance can be achieved when an array of copper vias
barrel plating is incorporated in the land pattern at 1.2 mm grid. It is also recommended that
the via diameter should be 0.30 mm to 0.33 mm with 1 oz copper via barrel plating.
If the copper plating does not plug the vias, a solder mask material must be used to cap the
vias with a dimension equal to the via diameter + 0.1 mm minimum. This prevents the solder
from not being well spread through the thermal via and potentially creating a solder void
between the package bottom and the ground plane of the PCB.
Taking into account that the solder mask diameter should be at least 0.1 mm larger than the
via diameter.
Figure 17.
Typical junction to ambient thermal resistance with dual layer PCB, 1oz, 9 thermal
vias
0
10
20
30
40
50
60
70
80
0
2
4
6
8
1012
1416
Copper Area (cm²)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com