Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3115 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3115
Description  LNB power supply based on the LNBH23L supply and control IC with step-up and I²C interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3115 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3115 Datasheet HTML 14Page - STMicroelectronics AN3115 Datasheet HTML 15Page - STMicroelectronics AN3115 Datasheet HTML 16Page - STMicroelectronics AN3115 Datasheet HTML 17Page - STMicroelectronics AN3115 Datasheet HTML 18Page - STMicroelectronics AN3115 Datasheet HTML 19Page - STMicroelectronics AN3115 Datasheet HTML 20Page - STMicroelectronics AN3115 Datasheet HTML 21Page - STMicroelectronics AN3115 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Component selection guidelines
AN3115
18/28
Doc ID 16830 Rev 3
The most important parameter for the DC-DC output electrolytic capacitors is the effective
series resistance (ESR). The DC-DC converter control loop circuit has been designed to
work properly with low-cost electrolytic capacitors which have ESR in the range of 200 m
Ω.
A 220 µF with ESR between 100 m
Ω and 350 mΩ is a good choice in most application
conditions. In case it is requested to further reduce the switching noise, a ferrite bead with a
current rating of at least 2 A and impedance higher than 60
Ω at 100 MHz could be used.
In this case It is recommended to use two electrolytic capacitors of 100 µF (see C3 and C3A
in Figure 9) with ESR between 150 m
Ω and 350 mΩ adding the ferrite bead in accordance
to Figure 9.
The DC-DC capacitor's voltage rating must be at least 25 V, but higher voltage capacitors
are recommendable.
2.6
Input capacitors (C1)
An electrolytic bypass capacitor (C1 in Figure 6) between 100 µF and 470 µF, located close
to the LNBH23L, is needed for stable operation. In any case, a ceramic capacitor (C2 in
Figure 6
) between 100 nF and 470 nF is recommended to reduce the switching noise at the
input voltage VCC pins.
2.7
PDC optional external circuit
This optional circuit, internally controlled by the PDC output pin, acts as an active pull-down
discharging the output capacitance only when the internal 22 kHz tone is activated
(TEN=TTX=1 or DSQIN=1).
This optional circuit is not needed in standard applications having IOUT > 50 mA and
capacitive load up to 250 nF where the PDC pin can be left floating.
Figure 9.
DC-DC converter output stage with ferrite bead



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com