Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3115 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3115
Description  LNB power supply based on the LNBH23L supply and control IC with step-up and I²C interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3115 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3115 Datasheet HTML 10Page - STMicroelectronics AN3115 Datasheet HTML 11Page - STMicroelectronics AN3115 Datasheet HTML 12Page - STMicroelectronics AN3115 Datasheet HTML 13Page - STMicroelectronics AN3115 Datasheet HTML 14Page - STMicroelectronics AN3115 Datasheet HTML 15Page - STMicroelectronics AN3115 Datasheet HTML 16Page - STMicroelectronics AN3115 Datasheet HTML 17Page - STMicroelectronics AN3115 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Component selection guidelines
AN3115
14/28
Doc ID 16830 Rev 3
2.2
Output current limit selection (R2-RSEL)
The linear regulator current limit threshold can be set through an external resistor connected
to the ISEL pin. The resistor value defines the typical output current threshold limit by the
equation:
Equation 2
Where RSEL is the resistor connected between ISEL and GND. The highest selectable
current limit threshold is 0.650 A typ. with RSEL = 15 kΩ
To set the current limitation, ±15 % tolerance, referred to the typical Imax current value, must
be considered. At this tolerance the tolerance of the RSEL resistor must be added.
For example:
RSEL resistor = 15 kΩ ± 1 %
To calculate the Imax(min) and Imax(max) values:
Where:
–
15 % is the LNBH23L tolerance
–1 % is the RSEL tolerance
Table 6.
Recommended Inductors
Vendor
Part number
ISAT (A)
DRC (m?)
Mounting type
Sumida
CD104-220MC
RHC110-220M
1.6
2.4
67
88
SMD
Through-hole
Toko
822LY-220K
824LY-220K
A671HN-220L
A814LY-220M
1.3
1.72
2.44
2.0
70
76
21
75
Through-hole
Through-hole
Through-hole
SMD
Panasonic
ELC08D220E
ELC10D220E
1.8
3.2
51
40
Through-hole
Through-hole
Coilcraft
DC1012-223
PVC-0-223-03
DO3316P-223
2.5
3
2.6
46
35
85
Through-hole
Through-hole
SMD
Rsel
A
ax
10000
)
(
Im
=
mA
666
15000
10000
)
typ
(
ax
Im
=
=
%
16
%
1
%
15
ce
TotToleran
=
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com