Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3115 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3115
Description  LNB power supply based on the LNBH23L supply and control IC with step-up and I²C interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3115 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3115 Datasheet HTML 9Page - STMicroelectronics AN3115 Datasheet HTML 10Page - STMicroelectronics AN3115 Datasheet HTML 11Page - STMicroelectronics AN3115 Datasheet HTML 12Page - STMicroelectronics AN3115 Datasheet HTML 13Page - STMicroelectronics AN3115 Datasheet HTML 14Page - STMicroelectronics AN3115 Datasheet HTML 15Page - STMicroelectronics AN3115 Datasheet HTML 16Page - STMicroelectronics AN3115 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AN3115
Component selection guidelines
Doc ID 16830 Rev 3
13/28
2.1
DC-DC converter inductor (L1)
The LNBH23L operates with a standard 22 µH inductor for the entire range of supply
voltages and load current. The Inductor saturation current rating (where inductance is
approximately 70 % of zero current inductance) must be greater than the switch peak
current (ISAT > IPEAK) calculated at:
maximum load (IOUTmax);
minimum input voltage (VINmin);
maximum DC-DC output voltage (VUPmax = VOUTmax + 0.75 V typ.)
In this condition the switch peak current is calculated using the formula in Equation 1:
Equation 1
where:
Eff is the efficiency of the DC-DC converter (93 % typ. at highest load)
L is the inductance (22 µH typ.)
F is the PWM frequency (220 kHz typ.)
Example:
Application conditions:
VOUTmax = 19.2 V (supposing EN=VSEL=1, LLC=0)
VINmin = 11 V
VUPmax = VOUTmax + VDROP = 19.2 V + 0.75 V = 19.95 V
IOUTmax = 500 mA
Eff = 90 % (worst-case in these conditions)
Based on Equation 1 and the preceding application conditions, IPEAK is:
Then, in this example, an inductor with saturation current > 1.52 A should be recommended.
Several inductors suitable for the LNBH23L are listed in Table 6, although there are many
other manufacturers and devices that can be used. Consult each manufacturer for more
detailed information and for their entire selection of related parts, since many different
shapes and sizes are available. Ferrite core inductors should be used to obtain the best
efficiency. Choose an inductor that can handle at least the IPEAK current without saturating,
and ensure that the inductor has a low DCR (copper wire resistance) to minimize power
losses and, consequently, to maximize the total efficiency.
⎛ −
+
=
ma x
mi n
1
2
mi n
mi n
*
ma x
ma x *
VU P
VI N
LF
VI N
VI N
Ef f
IO U T
VU P
Ip e a k
A
52
.
1
95
.
19
11
1
10
*
220
*
10
*
22
*
2
11
11
9
.
0
5
.
0
95
.
19
Ipeak
3
6
=
⎛ −
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com