Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3115 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3115
Description  LNB power supply based on the LNBH23L supply and control IC with step-up and I²C interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3115 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3115 Datasheet HTML 12Page - STMicroelectronics AN3115 Datasheet HTML 13Page - STMicroelectronics AN3115 Datasheet HTML 14Page - STMicroelectronics AN3115 Datasheet HTML 15Page - STMicroelectronics AN3115 Datasheet HTML 16Page - STMicroelectronics AN3115 Datasheet HTML 17Page - STMicroelectronics AN3115 Datasheet HTML 18Page - STMicroelectronics AN3115 Datasheet HTML 19Page - STMicroelectronics AN3115 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Component selection guidelines
AN3115
16/28
Doc ID 16830 Rev 3
output current, a Schottky diode capable of supporting the IPEAK should be selected. IPEAK
can be calculated using Equation 1.
Equation 3
2.4
TVS diode (D6)
The LNBH23L device is directly connected to the antenna cable in a set-top box.
Atmospheric phenomenon can cause high voltage discharges on the antenna cable causing
damage to the attached devices. In applications where it is required to protect against
lightning surges, transient voltage suppressor (TVS) devices like LNBTVSx-22xx can be
used to protect the LNBH23L and the other devices electrically connected to the antenna
cable.The LNBTVSx-22xx diodes, developed by STMicroelectronics, are dedicated to
lightning and electrical overstress surge protection for LNBHxx voltage regulators. These
protection diodes were designed to comply with the stringent IEC61000-4-5 standard with
surges up to 500 A in a whole range of products.
Note:
TVS diodes have intrinsic capacitance that attenuates the RF signal. For this reason, the
LNBTVSx-22xx cannot be directly connected to the IF (RX/TX) cable connector that carries
the RF signals coming from the LNB. To suppress effects of the intrinsic capacitance, an
inductance must be placed in series with the TVS diode (see Figure 6 example). The goal of
the L series inductance added to the CLNBTVS is to be transparent at 22 kHz and to reject
frequencies higher than 900 MHz.
The value of the series inductance is usually >13 nH, with a current capability higher than
the IPP (peak pulse current) expected during the surge.
Vin
Vout
Iout
Id
×
=
Table 7.
Recommended Schottky diode
Vendor
Part number
IF (av)
VF (max)
STMicroelectronics
1N5818
1 A
0.50 V
1N5819
1 A
0.55 V
STPS130A
1 A
0.46 V
STPS1L30A
1 A
0.30 V
STPS2L30A
2 A
0.45 V
1N5822
3 A
0.52 V
STPS340
3 A
0.63 V
STPS3L40A
3 A
0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com