Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3115 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3115
Description  LNB power supply based on the LNBH23L supply and control IC with step-up and I²C interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3115 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3115 Datasheet HTML 15Page - STMicroelectronics AN3115 Datasheet HTML 16Page - STMicroelectronics AN3115 Datasheet HTML 17Page - STMicroelectronics AN3115 Datasheet HTML 18Page - STMicroelectronics AN3115 Datasheet HTML 19Page - STMicroelectronics AN3115 Datasheet HTML 20Page - STMicroelectronics AN3115 Datasheet HTML 21Page - STMicroelectronics AN3115 Datasheet HTML 22Page - STMicroelectronics AN3115 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AN3115
Component selection guidelines
Doc ID 16830 Rev 3
19/28
The formula to calculate the transistor IC current with PDC circuit is:
Equation 4
The current flows through R8, TR1 and R7 during fall time of 22 kHz tone and the power
dissipated by these passive components is 1/3 because the D.C. is 30 % (see Figure 11).
Figure 10.
Application circuit with PDC optional solution
L1
22 µH
C6
470 nF
C3
220 µF
Vin
12 V
to LNB
500 mA max
D2
BAT43
{
I2C Bus
SDA
SCL
PDC
LX
Vup
Vcc -L
Vcc
VoRX
EXTM
ADDR
C8
220 nF
LNBH23L
TTX
P-GND
A -GND
D1
STPS130A
C10
220 nF
C4
470 nF
VoTX
ISEL
R2 (RSEL)
15 kOhm
Byp
C11
220 nF
DSQIN
D8
1N4148
*R7
22 Ohm
*C14
1 nF
*R5
2.2 kOhm
3.3 V
*TR1
BC317
C15
47 nF
R9
1.5 kOhm
(*)OPTIONAL components.
To be used only in case
of heavy capacitive load
*R8
150 Ohm
C2
100 nF
C1
100 µF
D3
1N4007
C5
N.C.
D6
N.C.
L1
22 µH
C6
470 nF
C3
220 µF
Vin
12 V
to LNB
500 mA max
D2
BAT43
{
I2C Bus
SDA
SCL
PDC
LX
Vup
Vcc -L
Vcc
VoRX
EXTM
ADDR
C8
220 nF
LNBH23L
TTX
P-GND
A -GND
D1
STPS130A
C10
220 nF
C4
470 nF
VoTX
ISEL
R2 (RSEL)
15 kOhm
Byp
C11
220 nF
DSQIN
D8
1N4148
*R7
22 Ohm
*C14
1 nF
*R5
2.2 kOhm
3.3 V
*TR1
BC317
C15
47 nF
R9
1.5 kOhm
(*)OPTIONAL components.
To be used only in case
of heavy capacitive load
*R8
150 Ohm
C2
100 nF
C1
100 µF
D3
1N4007
C5
N.C.
D6
N.C.
TR1hfe
R
5
R
7
V
BE
V
D
V
BYP
I
C
+
-
-
=
TR1hfe
R
5
R
7
V
BE
V
D
V
BYP
I
C
+
-
-
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com