Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3303 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN3303
Description  Secondary-side rectification for an LLC resonant converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3303 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN3303 Datasheet HTML 4Page - STMicroelectronics AN3303 Datasheet HTML 5Page - STMicroelectronics AN3303 Datasheet HTML 6Page - STMicroelectronics AN3303 Datasheet HTML 7Page - STMicroelectronics AN3303 Datasheet HTML 8Page - STMicroelectronics AN3303 Datasheet HTML 9Page - STMicroelectronics AN3303 Datasheet HTML 10Page - STMicroelectronics AN3303 Datasheet HTML 11Page - STMicroelectronics AN3303 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
SRK2000 main characteristics
AN3303
8/27
Doc ID 18164 Rev 2
capacitance, but it may be necessary to add an external capacitance; in particular when
using power MOSFET packages with a high associated stray inductance, such as the TO-
220.
In several cases it can be advantageous to over-compensate with the external capacitor,
therefore introducing an additional delay to the power MOSFET turn-off. This solution,
shown on the right-hand side of Figure 5, reduces the current flowing through the power
MOSFET body diode increasing the efficiency. Power MOSFET turn-off fine tuning must be
handled carefully because, if the power MOSFET is turned off after the drain-source voltage
becomes positive, the current reverses and begins flowing from drain-to-source with
consequent converter malfunctioning.
Figure 5.
Effect of parasitic elements on power MOSFET turn-off
A second effect associated to the parasitic elements is related to the power MOSFET turn-
on. Before turn-on, at the half-bridge inversion, the corresponding drain voltage starts
decreasing; the DVS voltage also drops but the RC formed by the parasitic capacitance of
pin DVS (about 10 pF) and the sensing resistors introduces a time constant that slows down
the sensed signal. During this phase the power MOSFET stray inductance does not
contribute because there is no current flowing through it. As illustrated in Figure 6, this
results in a late power MOSFET turn-on which adversely affects efficiency.
This turn-on delay, which is negligible if the sensing resistor value is indicatively below 1 k
Ω,
becomes significant in a case where the resistor value is high and, obviously, further
increases if an external capacitor is mounted between the pin and ground as previously
indicated. To avoid this effect, a bypass diode can be mounted in parallel to the sensing
resistor. In this way, the parasitic capacitance is discharged through the diode dynamic
resistance instead of the sense resistor. A 100-200
Ω resistor in series to the bypass diode
is recommended to limit the current sourced from the DVS pins in case SR power MOSFET
drain voltage goes excessively below ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com