Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3303 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3303
Description  Secondary-side rectification for an LLC resonant converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3303 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3303 Datasheet HTML 9Page - STMicroelectronics AN3303 Datasheet HTML 10Page - STMicroelectronics AN3303 Datasheet HTML 11Page - STMicroelectronics AN3303 Datasheet HTML 12Page - STMicroelectronics AN3303 Datasheet HTML 13Page - STMicroelectronics AN3303 Datasheet HTML 14Page - STMicroelectronics AN3303 Datasheet HTML 15Page - STMicroelectronics AN3303 Datasheet HTML 16Page - STMicroelectronics AN3303 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
AN3303
Electrical diagram description
Doc ID 18164 Rev 2
13/27
2
Electrical diagram description
The board schematic is shown in Figure 12. Components were dimensioned supposing an
implementation of the SR on a 12 V output converter and using the converter output as
supply bus for the SRK2000. If the board is used with a different supply voltage, some
components should be modified accordingly.
C502 is a bypass capacitor mounted between Vcc and the SGND pin, as close as possible
to the IC pin, in order to obtain a clean supply voltage for the internal circuitry. C503 is
another bypass capacitor from Vcc to PGND working as an energy buffer for the pulsed
gate-drive currents. R503, together with C502 and C503, forms an RC filter and smoothes
eventual disturbances from the 12 V supply. R504 and R505 polarize the EN pin setting the
Vcc enable voltage to 10 V (see Reference 1). They are dimensioned to set SR power
MOSFET turn-off to -12.5 mV. The EN pin is externally accessible through the board
connector pins #6 and #8 and can be used to force the IC disable.
R506 and R507 connect the power MOSFET drains to DVS1,2 pins and set the turn-on
threshold as previously described.
D503 and D505 bypass R506 and R507 before power MOSFET turn-on. In this case they
are not mounted because the R506 and R507 value is quite low and turn-on delay is
negligible.
C504 and C505 are intended to introduce an additional delay between the signals on the
power MOSFET drain and on the sensing pin itself. In this case they are not mounted
because they are not strictly necessary but their contribution is analyzed in Section 3.
R501A, D501A, Q501A, R502A, D502A, and Q502A are optional and they are present only
in case paralleled power MOSFETs are used (EVLSRK2000-S-40).
Figure 12.
Electrical diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com