Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3303 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3303
Description  Secondary-side rectification for an LLC resonant converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3303 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3303 Datasheet HTML 19Page - STMicroelectronics AN3303 Datasheet HTML 20Page - STMicroelectronics AN3303 Datasheet HTML 21Page - STMicroelectronics AN3303 Datasheet HTML 22Page - STMicroelectronics AN3303 Datasheet HTML 23Page - STMicroelectronics AN3303 Datasheet HTML 24Page - STMicroelectronics AN3303 Datasheet HTML 25Page - STMicroelectronics AN3303 Datasheet HTML 26Page - STMicroelectronics AN3303 Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Bill of materials
AN3303
24/27
Doc ID 18164 Rev 2
Table 5.
EVLSRK2000-D-40 bill of materials
Ref
Value/PN
Description
Supplier
Case
C501
4.7 nF
50 V CERCAP X7R - general purpose
BCcomponents
0805
C502
100 nF
50 V CERCAP X7R - general purpose
BCcomponents
0805
C503
1 µF
50 V CERCAP X7R - general purpose
BCcomponents
0805
D501
BAS316
Fast switching signal diode
VISHAY
SOD-323
D502
BAS316
Fast switching signal diode
VISHAY
SOD-323
JP501
HEADER 13
Strip connector
Q501
STD95N4F3
N-channel power MOSFET
STMicroelectronics
D-PAK
Q502
STD95N4F3
N-channel power MOSFET
STMicroelectronics
D-PAK
R501
10
Ω
SMD std film res - 1/8 W - 5 % - 200 ppm/°C
BCcomponents
0805
R502
10
Ω
SMD std film res - 1/8 W - 5 % - 200 ppm/°C
BCcomponents
0805
R503
10
Ω
SMD std film res - 1/8 W - 5 % - 200 ppm/°C
BCcomponents
1206
R504
150 k
Ω
SMD std film res - 1/8 W - 1 % - 100 ppm/°C
BCcomponents
0805
R505
33 k
Ω
SMD std film res - 1/8 W - 1 % - 100 ppm/°C
BCcomponents
0805
R506
330
Ω
SMD std film res - 1/8 W - 5 % - 200 ppm/°C
BCcomponents
0805
R507
330
Ω
SMD std film res - 1/8 W - 5 % - 200 ppm/°C
BCcomponents
0805
RX1
0
SMD std film res - 1/8 W - 5 % - 200 ppm/°C
BCcomponents
0805
U501
SRK2000D
SR driver for LLC resonant converter
STMicroelectronics
SO-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com