Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3303 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN3303
Description  Secondary-side rectification for an LLC resonant converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3303 Datasheet(HTML) 1 Page - STMicroelectronics

  AN3303 Datasheet HTML 1Page - STMicroelectronics AN3303 Datasheet HTML 2Page - STMicroelectronics AN3303 Datasheet HTML 3Page - STMicroelectronics AN3303 Datasheet HTML 4Page - STMicroelectronics AN3303 Datasheet HTML 5Page - STMicroelectronics AN3303 Datasheet HTML 6Page - STMicroelectronics AN3303 Datasheet HTML 7Page - STMicroelectronics AN3303 Datasheet HTML 8Page - STMicroelectronics AN3303 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
September 2011
Doc ID 18164 Rev 2
1/27
AN3303
Application note
Secondary-side rectification for an LLC resonant converter
featuring the SRK2000
Introduction
The EVLSRK2000 is a family of demonstration boards designed for the evaluation of the
SRK2000 in LLC resonant converters with synchronous rectification (SR).
The first part of this application note is a brief description of the IC features while the second
is dedicated to the board description. Finally, some considerations regarding circuit
optimization and performance are given.
This board was realized in four different configurations depending on the mounted SR
MOSFETs. Different board codes are shown in Table 1:
Figure 1.
EVLSRK2000: smart driving control for an LLC resonant converter
Table 1.
Demonstration board ordering codes
Ordering code
SR MOSFET P/N
MOSFET
package
MOSFET RDS(on) MOSFET BVDSS
EVLSRK2000-L-40
STL140N4LLF5
PowerFLAT™
2.75 m
Ω
40 V
EVLSRK2000-L-60
STL85N6F3
PowerFLAT™
5.70 m
Ω
60 V
EVLSRK2000-D-40
STD95N4F3
DPAK
5.80 m
Ω
40 V
EVLSRK2000-S-40
STS15N4LLF3
SO-8
5.00 m
Ω
40 V
www.st.com


Similar Part No. - AN3303

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN33012UA PANASONIC-AN33012UA Datasheet
607Kb / 20P
5 to 25 V, VOUT = 1.2 to 22 V, 2-channel DC-DC Controller IC with Step down regulation
2013-06-28
AN33014UA PANASONIC-AN33014UA Datasheet
1Mb / 23P
VIN = 5 to 25 V, 1-channel DC-DC Step down Regulator integrated N-channel Power MOSFET for USB
2013-11-08
AN33016UA PANASONIC-AN33016UA Datasheet
537Kb / 19P
VIN = 5 to 39 V, VOUT = 1.2 to 9 V, 1-channel DC-DC Step down Regulator integrated N-channel Power MOSFET
logo
Panasonic Battery Group
AN3301X PANASONICBATTERY-AN3301X Datasheet
431Kb / 2P
Highly Reliable DC/DC Series Step-Down Regulators with Controllable Switching Frequency
logo
STMicroelectronics
AN3302 STMICROELECTRONICS-AN3302 Datasheet
814Kb / 13P
Monolithic power management for high definition ODD with
03-Jan-2011
More results

Similar Description - AN3303

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6208 FAIRCHILD-AN-6208 Datasheet
478Kb / 10P
Secondary-Side Synchronous Rectifier (SR) for LLC Resonant Converter
logo
STMicroelectronics
AN2644 STMICROELECTRONICS-AN2644 Datasheet
1Mb / 64P
An introduction to LLC resonant
15-Sep-2008
logo
International Rectifier
IRFH7184PBF IRF-IRFH7184PBF_15 Datasheet
516Kb / 8P
Optimized for Secondary Side Synchronous Rectification
IRFH7882PBF IRF-IRFH7882PBF_15 Datasheet
666Kb / 8P
Optimized for Secondary Side Synchronous Rectification
logo
STMicroelectronics
SRK2001 STMICROELECTRONICS-SRK2001 Datasheet
446Kb / 22P
Adaptive synchronous rectification controller for LLC resonant converter
12-May-2015
logo
ON Semiconductor
FAN7688 ONSEMI-FAN7688 Datasheet
1Mb / 32P
Advanced Secondary Side LLC Resonant Converter
November 2015 Rev. 1.3
NCP4390 ONSEMI-NCP4390 Datasheet
694Kb / 30P
Advanced Secondary Side LLC Resonant Converter Controller with Synchronous Rectifier Control
June, 2020 ??Rev. 1
NCV4390 ONSEMI-NCV4390 Datasheet
776Kb / 30P
Automotive Advanced Secondary Side LLC Resonant Converter Controller with Synchronous Rectifier Control
June, 2020 ??Rev. 1
NCV4390 ONSEMI-NCV4390_V01 Datasheet
765Kb / 30P
Automotive Advanced Secondary Side LLC Resonant Converter Controller with Synchronous Rectifier Control
November, 2021 ??Rev. 2
NCP4390 ONSEMI-NCP4390_V01 Datasheet
769Kb / 30P
Advanced Secondary Side LLC Resonant Converter Controller with Synchronous Rectifier Control
November, 2021 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com