Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3303 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3303
Description  Secondary-side rectification for an LLC resonant converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3303 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3303 Datasheet HTML 8Page - STMicroelectronics AN3303 Datasheet HTML 9Page - STMicroelectronics AN3303 Datasheet HTML 10Page - STMicroelectronics AN3303 Datasheet HTML 11Page - STMicroelectronics AN3303 Datasheet HTML 12Page - STMicroelectronics AN3303 Datasheet HTML 13Page - STMicroelectronics AN3303 Datasheet HTML 14Page - STMicroelectronics AN3303 Datasheet HTML 15Page - STMicroelectronics AN3303 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
SRK2000 main characteristics
AN3303
12/27
Doc ID 18164 Rev 2
time check is re-enabled. The number of ignored resonant converter switching cycles is 128
after entering sleep mode and 256 after exiting sleep mode.
Figure 11 shows some examples of operation mode transition.
Figure 11.
Operation mode transitions
1.5
Enable pin
Pin EN can be used to remotely enable or disable power MOSFET driving. A voltage above
1.8 V enables the IC outputs which are otherwise inhibited.
By connecting the EN pin to Vcc through a resistor divider, the minimum Vcc voltage, at
which the IC starts driving power MOSFETs, can be precisely set. If the SR power
MOSFETs are logic level, the IC can start driving as soon as Vcc reaches the turn-on
threshold (4.5 V), but if the SR power MOSFETs are standard level, it is better to keep the IC
inhibited until the Vcc achieves the voltage necessary to properly drive the power MOSFETs
(i.e. 10 V).
The EN pin has an additional function which allows setting the SR power MOSFETs turn-off
threshold. It is set before the IC starts operating, when Vcc ramps up from 0 V to 4.5 V
(VccOn). During this time window, if the voltage on pin EN is below 0.36 V (typ.), the turn-off
threshold is set to -25 mV, if it is above VEN-Th, the threshold is set to -12.5 mV. This
function gives the possibility to change the turn-off threshold according to the SR power
MOSFET RDS(on) and to the converter operation. Details of divider resistor calculation can
be found in the SRK2000 datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com