Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3303 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN3303
Description  Secondary-side rectification for an LLC resonant converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3303 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN3303 Datasheet HTML 6Page - STMicroelectronics AN3303 Datasheet HTML 7Page - STMicroelectronics AN3303 Datasheet HTML 8Page - STMicroelectronics AN3303 Datasheet HTML 9Page - STMicroelectronics AN3303 Datasheet HTML 10Page - STMicroelectronics AN3303 Datasheet HTML 11Page - STMicroelectronics AN3303 Datasheet HTML 12Page - STMicroelectronics AN3303 Datasheet HTML 13Page - STMicroelectronics AN3303 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
SRK2000 main characteristics
AN3303
10/27
Doc ID 18164 Rev 2
peak current and, consequently, the turn-off point may jump from one half-cycle to the next
between the 50 % limit imposed by the blanking time and the desired turn-off point. The
result is a sort of sub-harmonic oscillation in the duty cycle of the SR power MOSFET. This
has no significant effect as long as the oscillation amplitude is limited but could cause
instability in the case of wider oscillation. For this reason the SRK2000 sets the blanking
time in track with the switching period, therefore, keep it as close as possible to the peak
current.
Figure 8.
Duty cycle oscillation when VDVS @ 50 % cycle almost equals VDVS1,2_Off
1.4
Light load operation and sleep mode
A unique feature of the SRK2000 is its intelligent automatic sleep mode. The internal logic
circuitry is able to detect a light load condition of the converter and stop gate driving,
reducing also IC’s quiescent consumption. This improves converter efficiency at light load,
where the power losses on the rectification body diodes become lower than the power
losses in the power MOSFETs and those related to their driving.
The IC is also able to detect an increase of the converter's load and automatically restart
gate driving.
The automatic sleep mode detection is performed by comparing the duration of a half-cycle
to the SR power MOSFET conduction time. The duration of a half-cycle is measured by
generating a clock signal each time the half-bridge voltage reverts. The IC enters sleep
mode when the conduction time of at least one of the two SR power MOSFETs falls below
40 % of the measured half-period. Figure 9 shows details of time measuring for sleep mode
entering. To avoid erroneous decisions, this sleep mode condition must be confirmed for 16
consecutive resonant converter switching cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com