Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3303 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3303
Description  Secondary-side rectification for an LLC resonant converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3303 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3303 Datasheet HTML 16Page - STMicroelectronics AN3303 Datasheet HTML 17Page - STMicroelectronics AN3303 Datasheet HTML 18Page - STMicroelectronics AN3303 Datasheet HTML 19Page - STMicroelectronics AN3303 Datasheet HTML 20Page - STMicroelectronics AN3303 Datasheet HTML 21Page - STMicroelectronics AN3303 Datasheet HTML 22Page - STMicroelectronics AN3303 Datasheet HTML 23Page - STMicroelectronics AN3303 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Power losses and thermal design
AN3303
20/27
Doc ID 18164 Rev 2
Considering now the case with SR: again the thermal rise is 65 °C. Based on the power
dissipation per MOSFET calculated in Equation 8, the maximum junction-to-ambient
thermal resistance allowed is:
Equation 14
That means that a heatsink is not required, just some copper area is needed, calculated
according to the SRK2000 datasheet indication.
The same is true for the SRK2000:
Equation 15
This is higher than the controller junction-to-ambient thermal resistance (150 °C/W).
R
th j
amb
()
65
°C
P
MOS
---------------
245
°CW
=
=
R
th j
amb
()
65
°C
P
SRK2000
-------------------------
409
°CW
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com