Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3303 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3303
Description  Secondary-side rectification for an LLC resonant converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3303 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3303 Datasheet HTML 12Page - STMicroelectronics AN3303 Datasheet HTML 13Page - STMicroelectronics AN3303 Datasheet HTML 14Page - STMicroelectronics AN3303 Datasheet HTML 15Page - STMicroelectronics AN3303 Datasheet HTML 16Page - STMicroelectronics AN3303 Datasheet HTML 17Page - STMicroelectronics AN3303 Datasheet HTML 18Page - STMicroelectronics AN3303 Datasheet HTML 19Page - STMicroelectronics AN3303 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
Sensing optimization by waveform check
AN3303
16/27
Doc ID 18164 Rev 2
3.2
MOSFET turn-on delay compensation
As discussed in Section 1.2, the RC circuit added to fine tune the turn-off timing has the side
effect of also delaying the turn-on. It was stated that to avoid this effect, a bypass diode plus
a series resistor can be mounted in parallel to the sensing resistor. Figure 18 and 19 below
show the turn-on delay improvement using this solution.
3.3
Sub-harmonic oscillation
Figure 20 shows the behavior described in Section 1.3. At light load the turn-off threshold (in
terms of current) is quite close to the peak current value. This causes a duty cycle oscillation
around the current peak. This duty oscillation causes the secondary current to fluctuate,
therefore amplifying the phenomenon. The 50 % blanking time implemented in the
SRK2000 limits the oscillation width, which would otherwise further increase causing output
instability.
Figure 20.
Duty cycle oscillation
Figure 18.
SR MOSFET turn-on
Figure 19.
SR MOSFET turn-on - detail
CH3: SR FET current
CH2: SR FET gate
CH4: primary current
CH3: SR FET current
CH2: SR FET gate
CH4: primary current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com