Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0580 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0580
Description  100 W 3 phase inverter featuring L6390 and STD5NK52ZD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0580 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0580 Datasheet HTML 8Page - STMicroelectronics UM0580 Datasheet HTML 9Page - STMicroelectronics UM0580 Datasheet HTML 10Page - STMicroelectronics UM0580 Datasheet HTML 11Page - STMicroelectronics UM0580 Datasheet HTML 12Page - STMicroelectronics UM0580 Datasheet HTML 13Page - STMicroelectronics UM0580 Datasheet HTML 14Page - STMicroelectronics UM0580 Datasheet HTML 15Page - STMicroelectronics UM0580 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Board architecture
UM0580
12/24
7
Board architecture
The STEVAL-IHM021V1 can be schematized as shown in Figure 5.
7.1
Power supply
The power supply can address the AC input voltage ranging from 30 Vac up to 270 Vac. The
alternate current input is rectified by a diode bridge and a bulk capacitor to generate a direct
current bus voltage approximately equal to
√2 Vac (neglecting the voltage drop across the
diodes and the bus voltage ripple). A VIPer12AS-E is then used in a buck converter
configuration to generate the +15-V supply voltage of the gate drivers. Finally, a linear
regulator (L78L33ABUTR) is used to generate the 3.3 V used to pull up the low side gate
driver inputs so as to prevent the undesired turn-on of low side switches when the J5
connector is unplugged.
Figure 6 shows a block diagram of the power supply.
Figure 5.
STEVAL-IHM021V1 block diagram
AM01261v1
Figure 6.
Power supply block diagram
AM01262v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com