Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0580 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0580
Description  100 W 3 phase inverter featuring L6390 and STD5NK52ZD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0580 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0580 Datasheet HTML 9Page - STMicroelectronics UM0580 Datasheet HTML 10Page - STMicroelectronics UM0580 Datasheet HTML 11Page - STMicroelectronics UM0580 Datasheet HTML 12Page - STMicroelectronics UM0580 Datasheet HTML 13Page - STMicroelectronics UM0580 Datasheet HTML 14Page - STMicroelectronics UM0580 Datasheet HTML 15Page - STMicroelectronics UM0580 Datasheet HTML 16Page - STMicroelectronics UM0580 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
UM0580
Board architecture
13/24
7.2
Gate driving
As mentioned previously, gate driving of the switches is performed through the latest L6390
family of devices. Refer to Section 8.1 for detailed information on the gate driving circuit and
dead time insertion. A fault signal is also fed back to the J5 connector if an overcurrent is
detected.
7.3
Amplifying network
The voltages across the three shunt resistors are amplified by K to correctly condition the
current feedback signals and optimize the output voltage range for a given phase current
range and A/D converter input dynamics. Refer to Section 8.3 for more detailed information
on how to dimension the op-amp conditioning network depending on your needs.
7.4
Brake feature
The brake feature performs a motor brake by switching simultaneously to the low side power
MOSFET, thus shortening the motor phases.
Warning:
This feature is mandatory in applications that require the
motor to operate in a flux-weakening region. In these
conditions, the back-EMF generated by the rotor’s spinning is
greater than the bus voltage and the brake feature prevents
the motor from acting as a generator destructively charging
the bus capacitance. Refer to Section 8.4 for additional
information.
7.5
Temperature feedback
Temperature feedback is performed by way of an NTC. It enables you to monitor the power
stage temperature so as to prevent any damage to the inverter caused by over temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com