Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0580 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM0580
Description  100 W 3 phase inverter featuring L6390 and STD5NK52ZD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0580 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM0580 Datasheet HTML 14Page - STMicroelectronics UM0580 Datasheet HTML 15Page - STMicroelectronics UM0580 Datasheet HTML 16Page - STMicroelectronics UM0580 Datasheet HTML 17Page - STMicroelectronics UM0580 Datasheet HTML 18Page - STMicroelectronics UM0580 Datasheet HTML 19Page - STMicroelectronics UM0580 Datasheet HTML 20Page - STMicroelectronics UM0580 Datasheet HTML 21Page - STMicroelectronics UM0580 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Board schematics
UM0580
18/24
The voltage at node "OPOUT2" can be computed as the sum of a bias and a signal
component, respectively equal to:
Equation 4
Equation 5
With the default values this gives:
●
●
As such, the maximum current amplifiable without distortion is equal to:
Equation 6
Note that you could modify the IMAX value by simply changing the values of the shunt
resistors.
8.4
Brake function
The STEVAL-IHM021V1 board provides a brake function that through the pull-up of a single
brake signal simultaneously turns the three low side switches ON , shorting the 3-phase
load. The feature is accessed using one single small-signal bipolar transistor (Q7), whose
function is to pull down the cathodes of six small signal diodes connected to each of the six
logic inputs (HIN1,
, HIN2,
, HIN3,
) of the L6390 gate drivers. The in-
series resistors together with the input lines avoid any conflict with the external controller
input signals, giving priority to the brake signal (see Figure 12).
⎟
⎠
⎞
⎜
⎝
⎛
+
+
+
=
R42
R39
R38
1
R41//R43
R36
R41//R43
3.3
V
BIAS
⎟
⎠
⎞
⎜
⎝
⎛
+
+
+
⋅
⋅
=
R42
R39
R38
1
R36//R43
R41
R36//R43
R
I
V
SHUNT
SIGN
V
1.86
VBIAS =
I
R
2.91
V
SHUNT
SIGN
⋅
⋅
=
A
1
.
1
R
495
.
0
R
91
.
2
86
.
1
3
.
3
I
SHUNT
SHUNT
MAX
=
=
⋅
−
=
LIN 1
LIN 2
LIN 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com