Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0580 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0580
Description  100 W 3 phase inverter featuring L6390 and STD5NK52ZD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0580 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0580 Datasheet HTML 13Page - STMicroelectronics UM0580 Datasheet HTML 14Page - STMicroelectronics UM0580 Datasheet HTML 15Page - STMicroelectronics UM0580 Datasheet HTML 16Page - STMicroelectronics UM0580 Datasheet HTML 17Page - STMicroelectronics UM0580 Datasheet HTML 18Page - STMicroelectronics UM0580 Datasheet HTML 19Page - STMicroelectronics UM0580 Datasheet HTML 20Page - STMicroelectronics UM0580 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
UM0580
Board schematics
17/24
Since the overcurrent protection acts as soon as the voltage on CP+ rises above Vref
(approximately equal to 0.53 V), and given the default value of the shunt resistors (equal to
1.8/4 =0.45
Ω), it follows that the default value for the maximum allowed current (I
CP) is
equal to:
Equation 1
If necessary, you can decrease the threshold by adding R37 (and similarly R55 and R18)
with the formula:
Equation 2
Similarly, you can increase the threshold by adding R44 (and similar) with the formula:
Equation 3
8.3
Current sensing amplifying network
Figure 11 shows the current sensing amplifying network during phase 2.
A
15
.
1
R
V
I
shunt
Ref
CP
≅
=
R40
R37
with
R40
R37
R40
3.3
V
R37
R37
R40
R
1
I
ref
shunt
CP
>>
⎥⎦
⎤
⎢⎣
⎡
+
−
+
⋅
=
R40
R37
with
R44
R40
1
R
V
I
shunt
ref
CP
>>
⎟
⎠
⎞
⎜
⎝
⎛ +
⋅
=
Figure 11.
Current sensing amplifying network
AM01267v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com