Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0580 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0580
Description  100 W 3 phase inverter featuring L6390 and STD5NK52ZD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0580 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0580 Datasheet HTML 1Page - STMicroelectronics UM0580 Datasheet HTML 2Page - STMicroelectronics UM0580 Datasheet HTML 3Page - STMicroelectronics UM0580 Datasheet HTML 4Page - STMicroelectronics UM0580 Datasheet HTML 5Page - STMicroelectronics UM0580 Datasheet HTML 6Page - STMicroelectronics UM0580 Datasheet HTML 7Page - STMicroelectronics UM0580 Datasheet HTML 8Page - STMicroelectronics UM0580 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
UM0580
Main features
5/24
1
Main features
The 100 W 3-phase inverter has the following characteristics.
●
Wide range input voltage
●
Maximum power-up to 100 W at 230 Vac input.
●
Power MOSFET STD5NK52ZD-1 (4.4 A, 520 V)
●
Compatible with other power MOSFET in IPAK packages
●
15 V auxiliary power supply connector
●
Connector for interfacing with the STM3210B-EVAL board.
1.1
Target applications
●
Refrigerator compressors
●
Dishwasher pumps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com