Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0580 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM0580
Description  100 W 3 phase inverter featuring L6390 and STD5NK52ZD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0580 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM0580 Datasheet HTML 15Page - STMicroelectronics UM0580 Datasheet HTML 16Page - STMicroelectronics UM0580 Datasheet HTML 17Page - STMicroelectronics UM0580 Datasheet HTML 18Page - STMicroelectronics UM0580 Datasheet HTML 19Page - STMicroelectronics UM0580 Datasheet HTML 20Page - STMicroelectronics UM0580 Datasheet HTML 21Page - STMicroelectronics UM0580 Datasheet HTML 22Page - STMicroelectronics UM0580 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
UM0580
Board schematics
19/24
The brake signal is active high and 3.3-/5-V-compatible.
Warning:
This feature is mandatory in applications that require the
motor to operate in the flux-weakening region. In these
conditions, the back-EMF generated by the rotor spinning is
greater than the bus voltage and the brake feature prevents
the motor from acting as a generator destructively charging
the bus capacitance.
Figure 12.
Brake circuit
Table 3.
Truth table
HINx
Brake
LVGx
HVGx
Load
x
x
0
x
0
0
Tri-state
xx
1
1
1
0
brake
00
10
1
0
Normal operation
01
10
0
0
10
10
0
0
11
10
0
1
AM01268v1
LIN x
SD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com