Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0580 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0580
Description  100 W 3 phase inverter featuring L6390 and STD5NK52ZD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0580 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0580 Datasheet HTML 16Page - STMicroelectronics UM0580 Datasheet HTML 17Page - STMicroelectronics UM0580 Datasheet HTML 18Page - STMicroelectronics UM0580 Datasheet HTML 19Page - STMicroelectronics UM0580 Datasheet HTML 20Page - STMicroelectronics UM0580 Datasheet HTML 21Page - STMicroelectronics UM0580 Datasheet HTML 22Page - STMicroelectronics UM0580 Datasheet HTML 23Page - STMicroelectronics UM0580 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
UM0580
Using the STEVAL-IHM021V1 with the STM32 FOC firmware library
21/24
9.2
Hardware requirements
The following items are required to run the STEVAL-IHM021V1 together with the "STM32
FOC firmware library
".
●
The STEVAL-IHM021V1 board and MB525 board (STM32 evaluation board with MC
connector).
●
A high-voltage insulated AC power supply up to 230 Vac.
●
A J-link programmer (not included in the package).
●
A J-link insulating board (not included in the package).
●
A 3-phase brushless motor with permanent magnet rotor (not included in the package).
●
An insulated oscilloscope (as necessary).
●
An insulated multimeter (as necessary).
9.3
Software requirements
To customize, compile and download the "STM32 FOC firmware library v2.0" motor control
firmware, the IAR tool "EWARM v5.20 (or v5.11)" must be installed. The free 32-k limited
version (referenced as the "KickStart" version) is available for downloading at:
http://supp.iar.com/Download/SW/?item=EWARM-KS32-442A
.
9.4
Software modifications
The "STM32 FOC firmware library v2.0" is compatible with the L6386 high-side driver. To
make the firmware compatible with the L6390, you must change the polarity of the PWM
driving the low-side transistors.
To do so, Follow these steps.
1.
In "stm32f10x_svpwm_3shunt.c" substitute line 177 with:
TIM1_OCInitStructure.TIM_OCNPolarity = TIM_OCNPolarity_Low;
2.
In "stm32f10x_svpwm_3shunt.c" substitute line 88 with:
#define IDLE_LOW_SIDE_POLARITY_L6390
TIM_OCIdleState_Set
#define LOW_SIDE_POLARITY
IDLE_LOW_SIDE_POLARITY_L6390
3.
In "MC_MotorControl_Layer.c" substitute lines 49 and 50 with:
#define NTC_THRESHOLD (u16) ((225 * (NTC_THRESHOLD_C - 25)) + 10477)
#define NTC_HYSTERIS
(u16) ((225 * (NTC_THRESHOLD_C - NTC_HYSTERIS_C - 25)) + 10477)
4.
In "MC_MotorControl_Layer.c" substitute line 382 with:
return ((u8)(((s16)w_Temp_Average - 10477)/225 + 25));
5.
In "MC_Control_Param.h" set the required temperature threshold and hysteresis with:
#define NTC_THRESHOLD_C
60
// (°C)
#define NTC_HYSTERIS_C
5
// Temperature hysteresis (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com