Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0580 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM0580
Description  100 W 3 phase inverter featuring L6390 and STD5NK52ZD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0580 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM0580 Datasheet HTML 16Page - STMicroelectronics UM0580 Datasheet HTML 17Page - STMicroelectronics UM0580 Datasheet HTML 18Page - STMicroelectronics UM0580 Datasheet HTML 19Page - STMicroelectronics UM0580 Datasheet HTML 20Page - STMicroelectronics UM0580 Datasheet HTML 21Page - STMicroelectronics UM0580 Datasheet HTML 22Page - STMicroelectronics UM0580 Datasheet HTML 23Page - STMicroelectronics UM0580 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Using the STEVAL-IHM021V1 with the STM32 FOC firmware library
UM0580
20/24
9
Using the STEVAL-IHM021V1 with the STM32 FOC
firmware library
The "STM32 FOC firmware library v2.0" runs on the STM3210B-MCKIT and does the field-
oriented control (FOC) of a permanent magnet synchronous motor (PMSM) in both sensor
and sensorless configurations.
This section describes the modifications to be applied to the "STM32 FOC firmware library
v2.0
" in order for the firmware to be compatible with the STEVAL-IHM021V1.
9.1
Environmental considerations
Warning:
The STEVAL-IHM021V1 demonstration board must only be
used in a power laboratory. The voltage used in the drive
system presents a shock hazard.
The kit is not electrically isolated from the DC input. This topology is very common in motor
drives. The microprocessor is grounded by the integrated ground of the DC bus. The
microprocessor and associated circuitry are hot and MUST be isolated from user controls
and communication interfaces.
Warning:
Any measurement equipment must be isolated from the main
power supply before powering up the motor drive. To use an
oscilloscope with the kit, it is safer to isolate the DC supply
AND the oscilloscope. This prevents a shock from occurring
as a result of touching any single point in the circuit, but
does NOT prevent shocks when touching two or more points
in the circuit.
An isolated AC power supply can be constructed using an isolation transformer and a
variable transformer. A schematic of this AC power supply is shown in the application note
"AN438, TRIAC + Microcontroller: safety precautions for development tools". Although this
application note was written for TRIAC, the isolation constraints still apply for switching
semiconductor devices such as MOSFETs.
Note:
Isolating the application rather than the oscilloscope is highly recommended in any case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com