Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4158 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4158
Description  Peak current control with automatic decay adjustment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4158 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4158 Datasheet HTML 5Page - STMicroelectronics AN4158 Datasheet HTML 6Page - STMicroelectronics AN4158 Datasheet HTML 7Page - STMicroelectronics AN4158 Datasheet HTML 8Page - STMicroelectronics AN4158 Datasheet HTML 9Page - STMicroelectronics AN4158 Datasheet HTML 10Page - STMicroelectronics AN4158 Datasheet HTML 11Page - STMicroelectronics AN4158 Datasheet HTML 12Page - STMicroelectronics AN4158 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
DocID023635 Rev 2
9/34
AN4158
Stepper motor basics
34
1.2
Microstepping
The driving methods considered in the previous section imply a constant current flowing into
the motor phases and the magnetic field being rotated by turning on/off and reversing the
currents.
Modulating the phase currents, the available positions of the stator magnetic field, and then
the intermediate positions between the subsequent steps, can be increased without any
theoretical limit. This driving method is called microstepping and the intermediate positions
are called microsteps.
As shown in Figure 4, in order to obtain a rotating magnetic field with constant module, the
two-phase current must be sinusoidal and with a phase difference of 90° (sine and cosine).
Figure 4. Microstepping phase currents
The currents applied to the motor phases are not actually continuous sinewaves, but
a sequence of samples of sinewaves generated using the formula of Equation 2, where
Nmicrostep is the microstepping resolution (defined by the number of samples composing
a sinewave quarter which is equivalent to a full step) and n is the incremental number
generating the sequence (some examples are shown in Table 8 on page 33). Different
microsteppings are identified according to their resolution (1/4 step, 1/8 step, etc.).
N
S
I
PhA
I
peak
I
PhA= I peak x sin(α)
I
PhB= I peak x cos(α)
I
PhB
AM15106v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com