Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4158 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4158
Description  Peak current control with automatic decay adjustment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4158 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4158 Datasheet HTML 24Page - STMicroelectronics AN4158 Datasheet HTML 25Page - STMicroelectronics AN4158 Datasheet HTML 26Page - STMicroelectronics AN4158 Datasheet HTML 27Page - STMicroelectronics AN4158 Datasheet HTML 28Page - STMicroelectronics AN4158 Datasheet HTML 29Page - STMicroelectronics AN4158 Datasheet HTML 30Page - STMicroelectronics AN4158 Datasheet HTML 31Page - STMicroelectronics AN4158 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Setup and optimization
AN4158
28/34
DocID023635 Rev 2
5
Setup and optimization
In the following sections the optimization of the parameters of the control system is
investigated.
5.1
Auto adjusted decay
The parameters used in the peak current control with auto adjusted decay and their relation
with system performance are listed in Table 7.
The optimal setup depends on several factors such as supply voltage, load current, motor
characteristics and microstepping resolution.
5.1.1
TON_MIN
The minimum on-time value determinates the frequency of use of fast decay during current
control and limits the minimum duty cycle value of the control.
The on-time measurement starts as soon as a turn-on is requested by the power bridges of
the device, as shown in Figure 24. TON_MIN should always be longer than the
commutation time of the power bridge, otherwise the minimum on-time condition is always
satisfied and the fast decay is never used (the auto adjusted decay feature is actually
disabled). This condition causes the current control to fail when the slow decay reduces its
effectiveness (see Section 3.1 on page 15 and Section 3.2 on page 17).
Table 7. Control system parameters and performance relation
Parameter
Lower values
Higher values
TON_MIN
Less frequent use of the fast
decay
Lower ripple
Higher probability of control fail
More frequent use of the fast
decay
Higher ripple
Higher control stability
TOFF(1)
1. The same considerations are valid for TSW when predictive current control is used.
Higher switching frequency
Lower ripple
Higher probability of control fail
More frequent use of the fast
decay
Lower switching frequency
Higher ripple
Higher control stability
Less frequent use of the fast
decay
TOFF_FAST
Lower ripple
Longer on-fast sequences
Higher probability of control fail
Higher ripple
Shorter on-fast sequences
Higher control stability
FAST_STEP
Longer on-fast sequences
during falling steps (more
commutation)
Shorter on-fast sequences
during falling steps (less
commutations)
Deeper current undershoot at
falling steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com