Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4158 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN4158
Description  Peak current control with automatic decay adjustment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4158 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN4158 Datasheet HTML 13Page - STMicroelectronics AN4158 Datasheet HTML 14Page - STMicroelectronics AN4158 Datasheet HTML 15Page - STMicroelectronics AN4158 Datasheet HTML 16Page - STMicroelectronics AN4158 Datasheet HTML 17Page - STMicroelectronics AN4158 Datasheet HTML 18Page - STMicroelectronics AN4158 Datasheet HTML 19Page - STMicroelectronics AN4158 Datasheet HTML 20Page - STMicroelectronics AN4158 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
DocID023635 Rev 2
17/34
AN4158
Peak current control with PWM and constant off-time
34
Both decay methods have pros and cons: the slow decay allows a lower current ripple to be
obtained, but at low current values or at high speed (significant BEMF value) the current
control may fail. The fast decay, on the other hand, keeps the current under control at the
cost of a higher ripple.
3.2
Minimum on-time limit
The control system, according to its structure, is usually not able to check the phase current
immediately after the beginning of the on-phase (usually a blanking time is adopted to avoid
spurious triggering of the current comparator), as shown in Figure 12. This limits the
minimum on-time the power bridge must remain in the on-phase. The minimum current
increase related to the tcomm can be estimated through Equation 8 (back electromotive force
has not been taken into account for simplicity).
Figure 11. Constant off-time control using fast decay
V
BUS
V
Sense
I
Ph
R
SHUNT
R
SHUNT
V
BUS
V
Sense
I
Ph
R
SHUNT
V
BUS
V
Sense
I
Ph
V
Ref
I
Peak
t
OFF
AM15113v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com