Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4158 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4158
Description  Peak current control with automatic decay adjustment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4158 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4158 Datasheet HTML 1Page - STMicroelectronics AN4158 Datasheet HTML 2Page - STMicroelectronics AN4158 Datasheet HTML 3Page - STMicroelectronics AN4158 Datasheet HTML 4Page - STMicroelectronics AN4158 Datasheet HTML 5Page - STMicroelectronics AN4158 Datasheet HTML 6Page - STMicroelectronics AN4158 Datasheet HTML 7Page - STMicroelectronics AN4158 Datasheet HTML 8Page - STMicroelectronics AN4158 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
DocID023635 Rev 2
5/34
AN4158
Stepper motor basics
34
1
Stepper motor basics
A stepper motor is a particular kind of synchronous electrical motor designed to reach and
keep an angular position. Each position is obtained as a steady-state of the rotor according
to one of the four possible directions of the magnetic field generated by a pair of windings
(called phases) on the stator. The distance between the next two angular positions is called
step and the number of steps composing a full mechanical rotation is a key characteristic of
this kind of motor. A simplified representation of a stepper motor is shown in Figure 1.
Figure 1. Basic two-phase bipolar stepper motor
Forcing a current in one phase at a time, the four positions shown in Figure 1 can be
reached by the rotor. When the driving sequence listed in Table 1 is generated, the rotor
performs a complete rotation in a clockwise direction. According to the step definition, the
model in Figure 1 is a 4-step motor.
Increasing the complexity of the stator and rotor design, the number of available positions
for each driving condition can be increased obtaining a high number of steps per round. The
driving sequence making the motor rotate is the same, but a full rotation of the magnetic
field of the stator (electrical cycle) does not correspond to a full rotation of the rotor
(mechanical rotation). Table 2 shows the driving sequence of a 200-step stepper motor.
Table 1. Phase driving sequence for a clockwise rotation of a 4-steps per round
stepper motor
Phase A current Phase B current
Stator magnetic field position
Rotor position
Positive
Zero
1
1
Zero
Positive
2
2
Negative
Zero
3
3
Zero
Negative
4
4
Phase A
Rotor
Phase B
Stator phases
NS
1
4
3
2
AM15103v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com