Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4158 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN4158
Description  Peak current control with automatic decay adjustment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4158 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN4158 Datasheet HTML 26Page - STMicroelectronics AN4158 Datasheet HTML 27Page - STMicroelectronics AN4158 Datasheet HTML 28Page - STMicroelectronics AN4158 Datasheet HTML 29Page - STMicroelectronics AN4158 Datasheet HTML 30Page - STMicroelectronics AN4158 Datasheet HTML 31Page - STMicroelectronics AN4158 Datasheet HTML 32Page - STMicroelectronics AN4158 Datasheet HTML 33Page - STMicroelectronics AN4158 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
DocID023635 Rev 2
31/34
AN4158
Setup and optimization
34
Figure 26. Falling step - 8 microstep example
In parameter dimensioning the microstepping resolution of the system should be
considered; the higher the resolution, the shorter the fast step time. In fact, the drop
between subsequent microsteps decreases with the resolution.
Long FAST_STEP timings may cause deep undershoots in the first part of the negative
slope of the sinewave, but give better performance in the final part where the drop between
the microsteps is higher (see Figure 27).
Short FAST_STEP timings fit better to the drops of the first falling steps, but require a longer
fast decay sequence in the final part of the negative slope of the sinewave, causing more
commutations (see Figure 28).
The optimal trade-off between the starting and the final part of the negative slope requires
a fine tuning.
In any case, the minimum fast decay (one-fourth of FAST_STEP) must be longer than
TON_MIN to avoid subsequent minimum on-time violations.
At the beginning of the negative slope of
the sinewave a shorter fast decay is required
.
At the end of the negative slope of
the sinewave a longer fast decay is required.
In the last falling step the system forces
a zero current disabling the power bridge.
The falling step algorithm is not used
100 %
0 %
AM15130v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com