Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4158 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN4158
Description  Peak current control with automatic decay adjustment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4158 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN4158 Datasheet HTML 7Page - STMicroelectronics AN4158 Datasheet HTML 8Page - STMicroelectronics AN4158 Datasheet HTML 9Page - STMicroelectronics AN4158 Datasheet HTML 10Page - STMicroelectronics AN4158 Datasheet HTML 11Page - STMicroelectronics AN4158 Datasheet HTML 12Page - STMicroelectronics AN4158 Datasheet HTML 13Page - STMicroelectronics AN4158 Datasheet HTML 14Page - STMicroelectronics AN4158 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
DocID023635 Rev 2
11/34
AN4158
Stepper motor basics
34
The microstepping driving technique results in less vibration and higher positioning
resolution. The magnetic field rotation corresponding to a full step is split into a sequence of
smaller rotations in the same number of the microstepping resolution. Each of these small
displacements causes a lower torque variation than a full step change (see Figure 5), so the
torque ripple is lower than in full step driving (smoother motion).
When this driving technique is used, the maximum output torque of the motor is lower than
the one obtained using the full step because the intensity of the stator magnetic field is lower
than a
2 factor.
Figure 5. full step driving versus microstepping motor torque
29
-56% IPeak
+83% IPeak
15
30
-38% IPeak
+92% IPeak
31
-20% IPeak
+98% IPeak
1. Compensated half step.
Table 4. Microstepping current level examples (continued)
1/2 step(1)
1/4 step
1/8 step
Phase A current
Phase B current
Microstepping
Full-step
T
T
T
max
T
max
θ
Stat
θ
Stat
AM15107v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com