Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4158 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4158
Description  Peak current control with automatic decay adjustment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4158 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4158 Datasheet HTML 18Page - STMicroelectronics AN4158 Datasheet HTML 19Page - STMicroelectronics AN4158 Datasheet HTML 20Page - STMicroelectronics AN4158 Datasheet HTML 21Page - STMicroelectronics AN4158 Datasheet HTML 22Page - STMicroelectronics AN4158 Datasheet HTML 23Page - STMicroelectronics AN4158 Datasheet HTML 24Page - STMicroelectronics AN4158 Datasheet HTML 25Page - STMicroelectronics AN4158 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
STMicroelectronics enhanced current control
AN4158
22/34
DocID023635 Rev 2
Figure 16. Minimum on-time threshold and on-time limit relation
At every control cycle the on-time is measured and it is compared to the programmable
threshold tON_MIN. If the measured on-time is longer than the programmed threshold the
current is well controlled and no fast decay is needed, so slow decay is used (Figure 17).
As the slow decay reduces its effectiveness, the on-time is reduced until the programmed
tON_MIN is reached. When tON is shorter than tON_MIN, a fast decay is used in order to
increase the current drop (Figure 17) and to avoid the failure of the current control algorithm
due to the minimum on-time limit (see Section 3.2 on page 17). In the first occurrence of this
event the fast decay duration is 1/8th of the maximum programmed value (tOFF_FAST).
If the next on-time is longer than the tON_MIN threshold, the control system returns using the
slow decay, as shown in Figure 17.
Figure 17. Decay selection according to on-time duration
When two or more minimum on-time violations occur at the same reference current value
(i.e. the electrical position of the motor is not changed), the control system changes the
decay strategy using slow decay followed by a fast decay (Figure 18). The total duration of
the decay phase is equal to the programmed off-time (tOFF) and the fast part is equal to the
last tFAST used.
t
on
t
comm
t
t
on,min
on-time limit
of the control system
Target minimum on-time
Reference current
AM15118v1
t
ON_MIN
t
ON_MIN
t
ON_MIN
t
on < tON_MIN
t
on > tON_MIN
t
on > tON_MIN
t
on
t
on
t
on
OFF
t
t
fast
On-time is over the
target minimum value
A slow decay is used
On-time is overthe
target minimum value
A slow decay is used
On-time is below the
target minimum value
A fast decay is used
Reference current
AM15119v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com