Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4158 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN4158
Description  Peak current control with automatic decay adjustment
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4158 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN4158 Datasheet HTML 26Page - STMicroelectronics AN4158 Datasheet HTML 27Page - STMicroelectronics AN4158 Datasheet HTML 28Page - STMicroelectronics AN4158 Datasheet HTML 29Page - STMicroelectronics AN4158 Datasheet HTML 30Page - STMicroelectronics AN4158 Datasheet HTML 31Page - STMicroelectronics AN4158 Datasheet HTML 32Page - STMicroelectronics AN4158 Datasheet HTML 33Page - STMicroelectronics AN4158 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
Setup and optimization
AN4158
32/34
DocID023635 Rev 2
Figure 27. High FAST_STEP value example
Figure 28. Low FAST_STEP value example
5.2
Predictive current control
When the predictive current control is used, two more parameters need to be set: the target
switching time TSW and the minimum off-time TOFF_MIN.
The TSW parameter is equivalent to the TOFF parameter described in Section 5.1.2 and it
should be set according to the same considerations.
The TOFF_MIN limits the variation of the off-time imposing its minimum value. It is
equivalent to the TOFF parameter described in Section 5.1.2 and it should be set according
to the following golden rules:
TOFF_MIN < TSW
TOFF_MIN > TOFF_FAST
TOFF_MIN + 2 x TON_MIN > 1/fSW,max, where fSW,max is the maximum allowed
switching frequency of the system.
100 %
0 %
Current reference
Current reference
t
FAST_STEP / 4
t
FAST_STEP
Deep current undershoot
in the first microsteps
AM15128v1
100 %
0 %
Current reference
Current reference
t
FAST_STEP / 4
t
FAST_STEP
Long fast decay sequence is
required to reach target current
AM15129v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com