Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4319 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4319
Description  Power over Ethernet - PD converter with 12 V 1 A output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4319 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4319 Datasheet HTML 2Page - STMicroelectronics AN4319 Datasheet HTML 3Page - STMicroelectronics AN4319 Datasheet HTML 4Page - STMicroelectronics AN4319 Datasheet HTML 5Page - STMicroelectronics AN4319 Datasheet HTML 6Page - STMicroelectronics AN4319 Datasheet HTML 7Page - STMicroelectronics AN4319 Datasheet HTML 8Page - STMicroelectronics AN4319 Datasheet HTML 9Page - STMicroelectronics AN4319 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Electrical diagram and bill of material for 12 V at 1 A
AN4319
6/28
DocID024885 Rev 1
34
C56
Ceramic capacitor
0.1
F
C0603
Several
50 V
35
D3
Diode bridge
DF01S
DF01S
Diodes
36
D5
Zener diode
BZX84C10
SOT23
Several
37
D10
Diode bridge
DF01S
DF01S
Diodes
38
D14
Diode
STTH2R02A
SMA
STMicroelectronics
39
D15
Diode
STTH2R02A
SMA
STMicroelectronics
40
D18
TVS diode
SMAJ58A
SMA
STMicroelectronics
41
D19
LED diode
Green LED
LED-
TLGE1100B
Toshiba
42
D21
Diode
BAT46J
SOD323
STMicroelectronics
43
D23
Diode
BAT46J
SOD323
STMicroelectronics
44
D28
Schottky diode
PMEG6030EP
SOD128
NXP
45
D36
LED diode
Green LED
LED-
TLGE1100B
Toshiba
46
J1
Connector
RJ45 data and
power jack
RJ45-8PIN
Several
47
J2
Connector
RJ45 data jack
RJ45-8PIN
Several
48
J3
Connector
CON3
P-JACK-
RAPC722
Switchcraft
49
J4
Connector
CON3
P-JACK-
RAPC722
Switchcraft
50
J6
Connector
MOR-10X10.5-P5-
2PIN
MOR-2POLI-
508
Several
51
L1
Inductor
5.6
H
ME3220-
562ML
Coilcraft
52
Q1
MOSFET
STS4NF100
SO8
STMicroelectronics
53
Q2
MOSFET
FDN86246
SOT23
Fairchild
54
R1
Resistor
15 K
R0805
Several
55
R2
Resistor
47 K
R0805
Several
56
R3
Resistor
47 K
R0805
Several
57
R4
Resistor
470 K
R0805
Several
58
R5
Resistor
15 K
R0805
Several
59
R8
Resistor
10 k
R0603
Several
60
R10
Resistor
10 k
R0603
Several
61
R11
Resistor
52.3
- 1%
R0805
Several
62
R13
Resistor
22.1 k
- 1%
R0603
Several
63
R14
Resistor
10
R0603
Several
Table 3. Bill of material 12 V at 1 A (continued)
Item
Reference
Description
Value
PCB
footprint
Supplier
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com