Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4319 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN4319
Description  Power over Ethernet - PD converter with 12 V 1 A output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4319 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN4319 Datasheet HTML 20Page - STMicroelectronics AN4319 Datasheet HTML 21Page - STMicroelectronics AN4319 Datasheet HTML 22Page - STMicroelectronics AN4319 Datasheet HTML 23Page - STMicroelectronics AN4319 Datasheet HTML 24Page - STMicroelectronics AN4319 Datasheet HTML 25Page - STMicroelectronics AN4319 Datasheet HTML 26Page - STMicroelectronics AN4319 Datasheet HTML 27Page - STMicroelectronics AN4319 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Support material
AN4319
24/28
DocID024885 Rev 1
133
R29
Resistor
75
R0805
Several
134
R30
Resistor
100
- NM
R1206
Several
135
R31
Resistor
75
R0805
Several
136
R32
Resistor
100
R0603
Several
137
R33
Resistor
10 k
R0603
Several
138
R34
Sense resistor
0.33
- 1% -
NM
R1206
Vishay -
RCWE1206R330FKE
139
R35
Sense resistor
0.33
- 1%
R1206
Vishay -
RCWE1206R330FKE
140
R36
Resistor
2.2 K
R0603
Several
141
R37
Resistor
0
R0603
Several
142
R38
Resistor
NM
R1206
Several
143
R40
Resistor
NM
R1206
Several
144
R41
Resistor
NM
R1206
Several
145
R42
Resistor
NM
R1206
Several
146
R43
Resistor
0
R0805
Several
147
R44
Resistor
0
R1206
Several
148
R45
Resistor
47 K
 - NM
R0603
Several
149
R46
Resistor
0
- NM
R1206
Several
150
R47
Resistor
0
R1206
Several
151
R48
Resistor
2.2 K
R0603
Several
152
R49
Resistor
NM
R0603
Several
153
R50
Resistor
NM
R0603
Several
154
R51
Resistor
10 K
 - 1%
R0603
Several
155
R52
Resistor
100 K
- 1%
R0603
Several
156
R53
Resistor
10 K
 - NM
R0603
Several
157
R54
Resistor
10 K
R0603
Several
158
R55
Resistor
21 K
- 1%
R0603
Several
159
R56
Resistor
12.4 K
- 1%
R0603
Several
160
R57
Resistor
NM - 1%
R0603
Several
167
TP1
Test point
Red
TH-5013
Keystone
168
TP2
Test point
Black
TH-5013
Keystone
169
TP3
Test point
Red
TH-5013
Keystone
170
TP4
Test point
Black
TH-5013
Keystone
171
TP5
Test point
Red - NM
TH-5013
Keystone
Table 5. Bill of material (general) (continued)
Item Reference
Description
Value
PCB footprint
Supplier
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com