Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4319 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4319
Description  Power over Ethernet - PD converter with 12 V 1 A output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4319 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4319 Datasheet HTML 20Page - STMicroelectronics AN4319 Datasheet HTML 21Page - STMicroelectronics AN4319 Datasheet HTML 22Page - STMicroelectronics AN4319 Datasheet HTML 23Page - STMicroelectronics AN4319 Datasheet HTML 24Page - STMicroelectronics AN4319 Datasheet HTML 25Page - STMicroelectronics AN4319 Datasheet HTML 26Page - STMicroelectronics AN4319 Datasheet HTML 27Page - STMicroelectronics AN4319 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
DocID024885 Rev 1
25/28
AN4319
Support material
28
172
TP6
Test point
Red
TH-5013
Keystone
173
TP7
Test point
Black
TH-5013
Keystone
174
TP8
Test point
Red
TH-5013
Keystone
175
TP9
Test point
Black
TH-5013
Keystone
176
TP10
Test point
Red
TH-5013
Keystone
177
TP11
Test point
Red
TH-5013
Keystone
178
TP12
Test point
Black
TH-5013
Keystone
179
TP13
Test point
Red
TH-5013
Keystone
180
TP14
Test point
Red
TH-5013
Keystone
181
TP15
Test point
Red - NM
TH-5013
Keystone
182
TP16
Test point
Red
TH-5013
Keystone
183
TP17
Test point
Red
TH-5013
Keystone
184
TP18
Test point
Black - NM
TH-5013
Keystone
185
TP19
Test point
Black
TH-5013
Keystone
186
TP20
Test point
Red - NM
TH-5013
Keystone
161
T1
Data transformer
H2019 / TLA-
6T127LF
Pulse-H2019
Pulse
162
T2
CM choke
Würth
744226S - NM
744226S
Würth
163
T3
Power transformer
COILCRAFT
POE13P-12L
POE12L
Coilcraft
164
T4
Power transformer
COILCRAFT
POE13P -50L-
NM
POE50L
Coilcraft
165
T5
Power transformer
COILCRAFT
HA3893-AL -
NM
HA3893-AL-
COILCRAFT
Coilcraft
166
T6
CM choke
Pulse
PE65855NL -
NM
PE-65855NL-PULSE
Pulse
187
U1
Controller IC
PM8800A
HTSSOP16
STMicroelectronics
188
U2
Optocoupler
Fairchild
FOD817A
FOD817
Fairchild
189
U3
Optocoupler
Sharp
PC3H7D-NM
PC3H7
Sharp
190
U4
Voltage reference
TS2431AILT
SOT23
STMicroelectronics
191
U5
Voltage reference
TS431AILT -
NM
SOT23-5L
STMicroelectronics
Table 5. Bill of material (general) (continued)
Item Reference
Description
Value
PCB footprint
Supplier
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com